Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M274001-55XB1 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce M274001-55XB1
Description  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M274001-55XB1 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button M274001-55XB1 Datasheet HTML 12Page - STMicroelectronics M274001-55XB1 Datasheet HTML 13Page - STMicroelectronics M274001-55XB1 Datasheet HTML 14Page - STMicroelectronics M274001-55XB1 Datasheet HTML 15Page - STMicroelectronics M274001-55XB1 Datasheet HTML 16Page - STMicroelectronics M274001-55XB1 Datasheet HTML 17Page - STMicroelectronics M274001-55XB1 Datasheet HTML 18Page - STMicroelectronics M274001-55XB1 Datasheet HTML 19Page - STMicroelectronics M274001-55XB1 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
DC and AC parameters
M27C4001
16/25
Table 10.
Read Mode AC Characteristics(1) (2)
1.
TA = 0 to 70 °C or –40 to 85 °C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC
2.
VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Symbol
Alt
Parameter
Test Condition
M27C4001
Unit
-70
-80/-90
-10/-12/-15
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
70
80
100
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
70
80
100
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E = VIL
35
40
50
ns
tEHQZ
(3)
3.
Sampled only, not 100% tested.
tDF
Chip Enable High to
Output Hi-Z
G = VIL
0300
30
0
30
ns
tGHQZ
(3)
tDF
Output Enable High
to Output Hi-Z
E = VIL
0300
30
0
30
ns
tAXQX
tOH
Address Transition
to Output Transition
E = VIL, G = VIL
00
0
ns
Obsolete
Product(s)
- Obsolete
Product(s)


Numéro de pièce similaire - M274001-55XB1

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
M274FAN MTRONPTI-M274FAN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FAN MTRONPTI-M274FAN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FGN MTRONPTI-M274FGN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results

Description similaire - M274001-55XB1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com