Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M274001-55XB1 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce M274001-55XB1
Description  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M274001-55XB1 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button M274001-55XB1 Datasheet HTML 8Page - STMicroelectronics M274001-55XB1 Datasheet HTML 9Page - STMicroelectronics M274001-55XB1 Datasheet HTML 10Page - STMicroelectronics M274001-55XB1 Datasheet HTML 11Page - STMicroelectronics M274001-55XB1 Datasheet HTML 12Page - STMicroelectronics M274001-55XB1 Datasheet HTML 13Page - STMicroelectronics M274001-55XB1 Datasheet HTML 14Page - STMicroelectronics M274001-55XB1 Datasheet HTML 15Page - STMicroelectronics M274001-55XB1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Maximum rating
M27C4001
12/25
3
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 4.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature(1)
1. Depends on range.
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
2. Minimum DC voltage on Input or Output is –0.5V with possible undershoot to –2.0V for a period
less than 20ns. Maximum DC voltage on Output is VCC +0.5V with possible overshoot to VCC
+2V for a period less than 20ns.
Input or Output Voltage (except A9)
–2 to 7
V
VCC
Supply Voltage
–2 to 7
V
VA9
(2)
A9 Voltage
–2 to 13.5
V
VPP
Program Supply Voltage
–2 to 14
V
Obsolete
Product(s)
- Obsolete
Product(s)


Numéro de pièce similaire - M274001-55XB1

FabricantNo de pièceFiches techniqueDescription
logo
MTRONPTI
M274FAN MTRONPTI-M274FAN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FAN MTRONPTI-M274FAN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FCN MTRONPTI-M274FCN Datasheet
456Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M274FGN MTRONPTI-M274FGN Datasheet
283Kb / 2P
   5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
More results

Description similaire - M274001-55XB1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com