Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV400BT90FCB Fiches technique(PDF) 7 Page - Advanced Micro Devices |
|
AM29LV400BT90FCB Fiches technique(HTML) 7 Page - Advanced Micro Devices |
7 / 7 page 7 Am29LV400B AD VAN C E I N F O RM AT I O N ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Trademarks Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. DEVICE NUMBER/DESCRIPTION Am29LV400B 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase C E 70R Am29LV400B T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) WA = 48-ball Fine Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 8 mm package SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29LV400BT70R, Am29LV400BB70R EC, EI, FC, FI, SC, SI, WAC Am29LV400BT80, Am29LV400BB80 EC, EI, EE, FC, FI, FE, SC, SI, SE, WAC, WAI, WAE Am29LV400BT90, Am29LV400BB90 Am29LV400BT120, Am29LV400BB120 |
Numéro de pièce similaire - AM29LV400BT90FCB |
|
Description similaire - AM29LV400BT90FCB |