Moteur de recherche de fiches techniques de composants électroniques |
|
TCR2EF28 Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TCR2EF28 Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 16 page TCR2EF series, TCR2EE series 2012-12-11 2 Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Input voltage VIN 6.0 V Control voltage VCT -0.3 to 6.0 V Output voltage VOUT -0.3 to VIN + 0.3 V Output current IOUT 200 mA 200 (Note1) SMV 580 (Note 2) 150 (Note 1) Power dissipation PD ESV 320 (Note 3) mW Operation temperature range Topr −40 to 85 °C Junction temperature Tj 150 °C Storage temperature range Tstg −55 to 150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Unit Rating Note 2: Rating at mounting on a board (FR4 board: 25.4 mm × 25.4 mm × 1.6 mm) Note 3: Rating at mounting on a board (FR4 board dimension: 30 mm × 30 mm × 0.8 mm) Pin Assignment (top view) SMV(SOT-25)(SC-74A) ESV(SOT-553) VOUT CONTROL GND NC VIN 13 2 4 5 VOUT CONTROL GND NC VIN 1 3 2 4 5 |
Numéro de pièce similaire - TCR2EF28 |
|
Description similaire - TCR2EF28 |