Moteur de recherche de fiches techniques de composants électroniques |
|
BZW04-6V4B Fiches technique(PDF) 4 Page - STMicroelectronics |
|
BZW04-6V4B Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 6 page BZW04-xx 4/6 0.001 0.01 0.1 1 10 100 tp (ms ) EXPO. 1E3 1E2 1E1 1E5 1E4 P (W) PP Tj initial = 25°C Fig. 2 : Peak pulse power versus exponential pulse duration. 0.1 1 10 100 1000 1 10 100 1000 10 100 BWZ04 5V8 BWZ04 8V5 BWZ04 33 BWZ04 213 BWZ04 376 V(V) CL Ipp (A) t %Ipp 100 50 0 t r t< 10 s r t - - - - - Tj initial = 25°C Fig. 3 : Clamping voltage versus peak pulse current. Exponential waveform tp =20 µs________ tp = 1 ms——————- tp = 10 ms............... Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge. The given results may be extrapolated for other junction temperatures by using the following formula : ∆VBR = αT * (Tamb -25) * VBR (25°C). For intermediate voltages, extrapolate the given results. |
Numéro de pièce similaire - BZW04-6V4B |
|
Description similaire - BZW04-6V4B |