Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD143A-SR2.8 Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce CD143A-SR2.8
Description  Steering/TVS Diode Array Series
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR2.8 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD143A-SR2.8 Datenblatt HTML 1Page - Bourns Electronic Solutions CD143A-SR2.8 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR2.8 Datenblatt HTML 3Page - Bourns Electronic Solutions CD143A-SR2.8 Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR2.8~3.3 ? Steering/TVS Diode Array Series
Product Dimensions
Recommended Pad Layout
B
D
I
K
E
G
H
F
J
C
A
MM
(INCHES)
DIMENSIONS:
1.90
(0.075)
1.70
(0.067)
1.20
(0.047)
0.80
(0.031)
0.85
(0.033)
0.85
(0.033)
0.85
(0.033)
1.05
(0.041)
1.90
(0.075)
2.75
(0.108)
2.85
(0.112)
MM
(INCHES)
DIMENSIONS:
Dimensions
A
2.80 - 3.04
(0.110 - 0.12)
B
1.78 - 2.03
(0.070 - 0.080)
C
2.11 - 2.48
(0.083 - 0.098)
D
1.20 - 1.39
(0.047 - 0.055)
E
0.39 - 0.50
(0.015 - 0.020)
F
0.79 - 0.93
(0.031 - 0.037)
G
0.08 - 0.15
(0.003 - 0.006)
H
0.46 - 0.60
(0.018 - 0.024)
I
0.84 - 1.14
(0.033 - 0.045)
J
0.72 - 0.83
(0.028 - 0.033)
K
0.013 - 0.10
(0.0005 - 0.004)
This is a molded JEDEC SOT-143 device. It weighs approximately 35 mg and has a
flammability rating of UL 94V-0. The dimensions for the packaged device are shown below.
Block Diagram
1
GND
I/O
REF
I/O
2
4
3
This is the footprint recommended for this SOT-143 device.
The device block diagram below includes the pin names and basic
electrical connections associated with each channel.
Typical Part Marking
CD143A-SR2.8 ..............................................................................2A
CD143A-SR3.3 ..............................................................................3A


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn