Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD143A-SR2.8 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce CD143A-SR2.8
Description  Steering/TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR2.8 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  CD143A-SR2.8_11 Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR2.8_11 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR2.8_11 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR2.8_11 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR2.8~3.3 – Steering/TVS Diode Array Series
Performance Graphs
Pulse Wave Form
Clamping Voltage vs. Peak Pulse Current
0
1
2
3
4
5
6
415
13
6
5
7
8
9
10 11
12
14
Peak Pulse Current (A)
Waveform Parameters
tr = 8 µs
td = 20 µs
0
1
2
3
4
5
6
7
8
9
10
12
11
415
13
6
5
7
8
9
10 11
12
14
Peak Pulse Current (A)
Waveform Parameters
tr = 8 µs
td = 20 µs
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.000
0.825
1.650
2.475
3.300
Input Voltage (V)
VDD = 3.3 V, GND = 0 V,
f = 1 MHz, T = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.000
0.825
1.650
2.475
3.300
Input Voltage (V)
VDD = 3.3 V, GND = 0 V,
f = 1 MHz, T = 25 °C
Forward Clamping Voltage vs. Peak Pulse Current
Typical Variation of CI/O-to-I/O vs. VIN
Typical Variation of CIN vs. VIN
How To Order
CD 143A - SR 2.8
Common Code
Chip Diode
Package
• 143A = SOT-143
Model
SR = Steering Diode Array
Repetitive Peak Reverse Voltage
2.8 = 2.8 VRWM (Volts)
3.3 = 3.3 VRWM (Volts)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn