Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB40-600B Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce BTB40-600B
Description  40A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB40-600B Fiches technique(HTML) 3 Page - STMicroelectronics

  BTB40-600B Datasheet HTML 1Page - STMicroelectronics BTB40-600B Datasheet HTML 2Page - STMicroelectronics BTB40-600B Datasheet HTML 3Page - STMicroelectronics BTB40-600B Datasheet HTML 4Page - STMicroelectronics BTB40-600B Datasheet HTML 5Page - STMicroelectronics BTB40-600B Datasheet HTML 6Page - STMicroelectronics BTB40-600B Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTA40, BTA41 and BTB41 Series
3/7
Table 6: Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
RD91 (Insulated) / TOP3
0.9
°C/W
TOP3 Insulated
0.6
Rth(j-a)
Junction to ambient
TOP3 / TOP3 Insulated
50
°C/W
S = Copper surface under tab.
Figure 1: Maximum power dissipation versus
RMS on-state current (full cycle)
Figure 2: RMS on-state current versus case
temperature (full cycle)
Figure 3: Relative
variation
of
thermal
impedance versus pulse duration
Figure 4: On-state characteristics (maximum
values)
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
P(W)
I
(A)
T(RMS)
180°
α
α
0
25
50
75
100
125
0
5
10
15
20
25
30
35
40
45
I
(A)
T(RMS)
T (°C)
C
BTA41
BTA40 / BTB41
α = 180°
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E-03
1.E-02
1.E-01
1.E+00
K=[Z /R
th
th]
t (s)
p
Z
BTA / BTB41
th(j-a)
Zth(j-c)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
400
I
(A)
TM
V
(V)
TM
T = 25°C
j
.
T max.
V = 0.85V
R = 10 m
j
to
d
T=
j
T max.
j


Numéro de pièce similaire - BTB40-600B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600B STMICROELECTRONICS-BTB40-600B Datasheet
108Kb / 9P
   40 A standard TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
85Kb / 7P
   40A TRIACs
BTB40-600BRG STMICROELECTRONICS-BTB40-600BRG Datasheet
108Kb / 9P
   40 A standard TRIACs
More results

Description similaire - BTB40-600B

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
   40A TRIACS
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
   40A TRIACs
logo
Tiger Electronic Co.,Lt...
TPDV1240 TGS-TPDV1240 Datasheet
204Kb / 1P
   40A TRIACS
logo
Kersemi Electronic Co.,...
BTA41-700B KERSEMI-BTA41-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA41-600B KERSEMI-BTA41-600B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-800B KERSEMI-BTA40-800B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-700B KERSEMI-BTA40-700B Datasheet
1Mb / 6P
   40A TRIACS
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
   40A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA41-600B TGS-BTA41-600B Datasheet
87Kb / 1P
   40A TRIACS
BTA41-800B TGS-BTA41-800B Datasheet
38Kb / 1P
   40A TRIACS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com