Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175-50 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC1175-50
Description  ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADC1175-50 Fiches technique(HTML) 1 Page - Texas Instruments

  ADC1175-50 Datasheet HTML 1Page - Texas Instruments ADC1175-50 Datasheet HTML 2Page - Texas Instruments ADC1175-50 Datasheet HTML 3Page - Texas Instruments ADC1175-50 Datasheet HTML 4Page - Texas Instruments ADC1175-50 Datasheet HTML 5Page - Texas Instruments ADC1175-50 Datasheet HTML 6Page - Texas Instruments ADC1175-50 Datasheet HTML 7Page - Texas Instruments ADC1175-50 Datasheet HTML 8Page - Texas Instruments ADC1175-50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ADC1175-50
www.ti.com
SNAS027G – JANUARY 2000 – REVISED APRIL 2013
ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
Check for Samples: ADC1175-50
1
FEATURES
DESCRIPTION
The ADC1175-50 is a low power, 50 MSPS analog-
Internal Track-and-Hold Function
to-digital converter that digitizes signals to 8 bits while
Single +5V Operation
consuming just 125 mW (typ). The ADC1175-50 uses
Internal Reference Bias Resistors
a unique architecture that achieves 6.8 Effective Bits
at 25 MHz input and 50 MHz clock frequency. Output
Industry Standard Pinout
formatting is straight binary coding.
Power-Down Mode (<5 mW)
The excellent DC and AC characteristics of this
device, together with its low power consumption and
APPLICATIONS
+5V single supply operation, make it ideally suited for
Digital Still Cameras
many video and imaging applications, including use in
CCD Imaging
portable equipment. Furthermore, the ADC1175-50 is
resistant to latch-up and the outputs are short-circuit
Electro-Optics
proof. The top and bottom of the ADC1175-50's
Video Digitization
reference
ladder
is
available
for
connections,
Multimedia
enabling a wide range of input possibilities. The low
input capacitance (7 pF, typical) makes this device
easier to drive than conventional flash converters and
KEY SPECIFICATIONS
the power down mode reduces power consumption to
Resolution 8 Bits
less than 5 mW.
Maximum Sampling Frequency 50 MSPS (min)
The ADC1175-50 is offered in 24-pin TSSOP and 24-
THD 54 dB (typ)
pin WQFN packages and is designed to operate over
DNL 0.7 LSB (typ)
the extended commercial temperature range of
−20°C to +75°C.
ENOB @ fIN = 25 MHz 6.8 Bits (typ)
Ensured No Missing Codes
Power Consumption (Excluding
Reference Current) 125 mW (typ)
190 mW (max)
CONNECTION DIAGRAMS
Figure 1. 24-Pin TSSOP - Top View
Figure 2. 24-Pin WQFN - Bottom View
See PW Package
See NHW0024B Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC1175-50

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
More results

Description similaire - ADC1175-50

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Analog Devices
AD9058 AD-AD9058_15 Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058AJJ AD-AD9058AJJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
AD9058 AD-AD9058 Datasheet
148Kb / 8P
   Dual 8-Bit 50 MSPS A/D Converter
REV. B
AD9058 AD-AD9058_17 Datasheet
327Kb / 12P
   Dual 8-Bit 50 MSPS A/D Converter
AD9058ATJ AD-AD9058ATJ Datasheet
282Kb / 11P
   Dual 8-Bit 50 MSPS A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com