Moteur de recherche de fiches techniques de composants électroniques |
|
AM28F256A-200EIB Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
AM28F256A-200EIB Fiches technique(HTML) 6 Page - Advanced Micro Devices |
6 / 35 page 6 Am28F256A ORDERING INFORMATION Standard Products Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am28F256A 256 Kilobit (32 K x 8-Bit) CMOS Flash Memory with Embedded Algorithms AM28F256A -70 J C OPTIONAL PROCESSING Blank = Standard Processing B = Burn-In Contact an AMD representative for more information. TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) F = 32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR032) SPEED OPTION See Product Selector Guide and Valid Combinations B Valid Combinations AM28F256A-70 AM28F256A-90 AM28F256A-120 AM28F256A-150 AM28F256A-200 PC, PI, PE, JC, JI, JE, EC, EI, EE, FC, FI, FE |
Numéro de pièce similaire - AM28F256A-200EIB |
|
Description similaire - AM28F256A-200EIB |