Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SS-3442-00-10-FA-12-15-1 Datasheet(Fiches technique) 5 Page - Emcore Corporation

Numéro de pièce SS-3442-00-10-FA-12-15-1
Description  Optiva OTS-2 C-Band RF Fiber Optic Links
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EMCORE [Emcore Corporation]
Site Internet  http://www.emcore.com
Logo EMCORE - Emcore Corporation

SS-3442-00-10-FA-12-15-1 Datasheet(HTML) 5 Page - Emcore Corporation

  SS-3442-00-10-FA-12-15-1 Datenblatt HTML 1Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datenblatt HTML 2Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datenblatt HTML 3Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datenblatt HTML 4Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datasheet HTML 5Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datenblatt HTML 6Page - Emcore Corporation SS-3442-00-10-FA-12-15-1 Datenblatt HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SATCOM
satcom-sales@emcore.com
www.emcore.com
Information contained herein is deemed to be reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specifications at any time without notice.
© 2013 EMCORE Corporation
| REV 2013.10
+1 626-293-3400
DATASHEET | OCTOBER 2013
Transmitter
OTS-2T / S5-
VVVV-WW-10-XX-12-YY-Z
„
When ordering replace “
VVVV” with one of the C-Band Frequency Options
„
When ordering replace “
WW” with one of the ITU Channel Options
„
When ordering replace “
XX” with one of the Optical Connector Options
„
When ordering replace “
YY” with one of the Variable Gain RF Amplifier Options
„
When ordering replace “
Z” with one of the Enclosure Options
RF Connector
C-Band Frequency
Options (GHz)
“VVVV”
ITU Channel Options
(THz / nm)
“WW”
Optical Power
(dBmo)
Optical
Connector
Options
“XX”
Optical Output +
RF Test Port (dB)
Variable Gain
RF Amplifier
Options (dB)
“YY”
Enclosure Options
“Z”
S5 = 50 Ω SMA
3442 = 3.400-4.200 GHz
Uplink
5867 = 5.850-6.725 GHz
Downlink
Standard:
00 = non-ITU: 1520-1580 nm
Optional:
18 = 191.8 THz/1563.05 nm
19 = 191.9 THz/1562.23 nm
20 = 192 THz/1561.42 nm
21 = 192.1 THz/1560.61 nm
22 = 192.2 THz/1559.79 nm
23 = 192.3 THz/1558.98 nm
24 = 192.4 THz/1558.17 nm
25 = 192.5 THz/1557.36 nm
26 = 192.6 THz/1556.56 nm
27 = 192.7 THz/1555.75 nm
28 = 192.8 THz/1554.94 nm
29 = 192.9 THz/1554.13 nm
30 = 193 THz/1553.33 nm
31 = 193.1 THz/1552.52 nm
32 = 193.2 THz/1551.72 nm
33 = 193.3 THz/1550.92 nm
34 = 193.4 THz/1550.12 nm
35 = 193.5 THz/1549.32 nm
36 = 193.6 THz/1548.51 nm
37 = 193.7 THz/1547.72 nm
38 = 193.8 THz/1546.92 nm
39 = 193.9 THz/1546.12 nm
40 = 194 THz/1545.32 nm
41 = 194.1 THz/1544.53 nm
42 = 194.2 THz/1543.73 nm
43 = 194.3 THz/1542.94 nm
44 = 194.4 THz/1542.14 nm
45 = 194.5 THz/1541.35 nm
46 = 194.6 THz/1540.56 nm
47 = 194.7 THz/1539.77 nm
48 = 194.8 THz/1538.98 nm
49 = 194.9 THz/1538.19 nm
50 = 195 THz/1537.4 nm
51 = 195.1 THz/1536.61 nm
52 = 195.2 THz/1535.82 nm
53 = 195.3 THz/1535.04 nm
54 = 195.4 THz/1534.25 nm
55 = 195.5 THz/1533.46 nm
56 = 195.6 THz/1532.68 nm
57 = 195.7 THz/1531.9 nm
58 = 195.8 THz/1531.12 nm
59 = 195.9 THz/1530.33 nm
60 = 196 THz/1529.55 nm
61 = 196.1 THz/1528.77 nm
62 = 196.2 THz/1527.99 nm
10 = +10 Optical
Output
Standard:
SA = SC / APC
Optional:
FA = FC / APC
EA = E2000 / APC
1 = Single Optical Output +
2 = -20 dB Test Port
15 = 15 dB
35 = 35 dB
1 = Optiva Indoor
Rack-Mount
Installation
2 = Optiva Outdoor
MiniHub Installation
Ordering Information: Transmitter
Optiva OTS-2 C-Band
RF Fiber Optic Links


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn