Moteur de recherche de fiches techniques de composants électroniques |
|
AM27C010-45JI5 Fiches technique(PDF) 4 Page - Advanced Micro Devices |
|
AM27C010-45JI5 Fiches technique(HTML) 4 Page - Advanced Micro Devices |
4 / 13 page 4 Am27C010 ORDERING INFORMATION OTP EPROM Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27C010 1 Megabit (128 K x 8-Bit) CMOS OTP EPROM AM27C010 -45 J C OPTIONAL PROCESSING Blank = Standard Processing VOLTAGE TOLERANCE 5= VCC ± 5%, 45 ns only See Product Selector Guide and Valid Combinations TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Plastic Leaded Chip Carrier (PL 032) SPEED OPTION See Product Selector Guide and Valid Combinations 5 Valid Combinations AM27C010-45 VCC = 5.0 V ± 5% PC5, PI5, JC5, JI5 AM27C010-45 VCC = 5.0 V ± 10% JC, PC AM27C010-55 JC, PC, JI, PI AM27C010-70 AM27C010-90 AM27C010-120 AM27C010-150 AM27C010-200 AM27C010-255 VCC = 5.0 V ± 5% |
Numéro de pièce similaire - AM27C010-45JI5 |
|
Description similaire - AM27C010-45JI5 |