Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ER-25KCW Fiches technique(PDF) 61 Page - Advanced Micro Devices

No de pièce AM186ER-25KCW
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ER-25KCW Fiches technique(HTML) 61 Page - Advanced Micro Devices

Back Button AM186ER-25KCW Datasheet HTML 57Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 58Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 59Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 60Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 61Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 62Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 63Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 64Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
61
DRAF
T
THERMAL CHARACTERISTICS
TQFP Package
The Am186ER and Am188ER microcontrollers are
specified for operation with case temperature ranges
from 0
°C to +100°C for a commercial temperature
device. Case temperature is measured at the top
center of the package as shown in Figure 16. The
various temperatures and thermal resistances can be
determined using the equations in Figure 17 with
information given in Table 10.
θ
JA is the sum of θJC and θCA . θJC is the internal
thermal resistance of the assembly.
θ
CA is the case to
ambient thermal resistance.
The variable P is power in watts. Typical power
supply current (ICC) for the Am186ER and Am188ER
microcontrollers is 3.7 mA per MHz of clock frequency.
Figure 16.
Thermal Resistance (
°C/Watt)
Figure 17. Thermal Characteristics Equations
Table 10.
Thermal Characteristics (
°C/Watt)
θ
JA
θ
CA
θ
JC
θ
JA = θJC + θCA
TC
Package/Board
Airflow
(Linear Feet
per Minute)
θ
JC
θ
CA
θ
JA
PQFP/2-Layer
0 fpm
7
38
45
200 fpm
7
32
39
400 fpm
7
28
35
600 fpm
7
26
33
TQFP/2-Layer
0 fpm
10
46
56
200 fpm
10
36
46
400 fpm
10
30
40
600 fpm
10
28
38
PQFP/4-Layer
to 6-Layer
0 fpm
5
18
23
200 fpm
5
16
21
400 fpm
5
14
19
600 fpm
5
12
17
TQFP/4-Layer
to 6-Layer
0 fpm
6
24
30
200 fpm
6
22
28
400 fpm
6
20
26
600 fpm
6
18
24
θ
JA = θJC + θCA
P = ICC freq (MHz) VCC
TJ = TC + (P θJC)
TJ = TA + (P θJA)
TC = TJ – (P θJC)
TC = TA + (P θCA)
TA = TJ – (P θJA)
TA = TC – (P θCA)


Numéro de pièce similaire - AM186ER-25KCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KC ROCHESTER-AM186ED-20KC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KC/W AMD-AM186ED-20KC/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KI ROCHESTER-AM186ED-20KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KI/W AMD-AM186ED-20KI/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
More results

Description similaire - AM186ER-25KCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com