Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ER-25KCW Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce AM186ER-25KCW
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ER-25KCW Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button AM186ER-25KCW Datasheet HTML 45Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 46Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 47Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 48Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 49Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 50Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 51Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 52Page - Advanced Micro Devices AM186ER-25KCW Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
Am186TMER and Am188TMER Microcontrollers Data Sheet
49
DRAF
T
CHIP-SELECT UNIT
The Am186ER and Am188ER microcontrollers contain
logic that provides programmable chip-select genera-
tion for both memories and peripherals. The logic can
be programmed to provide external ready and wait-
state generation and latched address bits A1 and A2.
The chip-select lines are active for all memory and I/O
cycles in their programmed areas, whether they are
generated by the CPU or by the integrated DMA unit.
Chip-Select Timing
The timing for the UCS and LCS outputs is modified
from the original Am186 microcontroller. These outputs
now assert in conjunction with the nonmultiplexed ad-
dress bus for normal memory timing. To enable these
outputs to be available earlier in the bus cycle, the num-
ber of programmable memory size selections has been
reduced.
Ready and Wait-State Programming
The Am186ER and Am188ER microcontrollers can be
programmed to sense a ready signal for each of the ex-
ternal peripheral or memory chip-select lines. The ex-
ternal ready signal can be either the ARDY or SRDY
signal as shown in Figure 11. For diagrams of the syn-
chronous ready waveforms and asynchronous ready
waveforms, refer to page 97. Each external chip-select
control register (UMCS, LMCS, MMCS, PACS, and
MPCS) contains a single-bit field that determines
whether the external ready signal is required or ig-
nored. The internal memory ignores the external ready
signal.
The number of wait states to be inserted for each ac-
cess to an external peripheral or memory region is pro-
grammable. The chip-select control registers for UCS,
LCS, MCS3–MCS0, PCS6, and PCS5 contain a two-bit
field that determines the number of wait states from
zero to three to be inserted. PCS3–PCS0 use three bits
to provide additional values of 5, 7, 9, and 15 wait
states. The chip-select control register for internal
memory always specifies no wait states.
When external ready is required, internally pro-
grammed wait states will always complete before exter-
nal ready can terminate or extend a bus cycle. For
example, if the internal wait states are set to insert two
wait states, the processor samples the external ready
pin during the first wait cycle. If external ready is as-
serted at that time, the access completes after six cy-
cles (four cycles plus two wait states). If external ready
is not asserted during the first wait state, the access is
extended until ready is asserted, which is followed by
one more wait state followed by t4.
Figure 11. ARDY and SRDY Synchronization Logic Diagram
D
Q
Rising Edge
D
Q
Falling Edge
DQ
Falling Edge
Bus Ready
SRDY
CLKOUTA
ARDY


Numéro de pièce similaire - AM186ER-25KCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KC ROCHESTER-AM186ED-20KC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KC/W AMD-AM186ED-20KC/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KI ROCHESTER-AM186ED-20KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KI/W AMD-AM186ED-20KI/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
More results

Description similaire - AM186ER-25KCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com