Moteur de recherche de fiches techniques de composants électroniques |
|
TC1072-2.5VCH713 Fiches technique(PDF) 7 Page - Microchip Technology |
|
TC1072-2.5VCH713 Fiches technique(HTML) 7 Page - Microchip Technology |
7 / 22 page © 2007 Microchip Technology Inc. DS21354D-page 7 TC1072/TC1073 Note: Unless otherwise specified, all parts are measured at temperature = +25°C. VOUT Measure Rise Time of 3.3V LDO with Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 470pF, ILOAD = 100mA VIN = 4.3V, Temp = 25°C, Rise Time = 448μS VSHDN Measure Fall Time of 3.3V LDO with Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 470pF, ILOAD = 50mA VIN = 4.3V, Temp = 25°C, Fall Time = 100μS VOUT VSHDN Measure Rise Time of 3.3V LDO without Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 0pF, ILOAD = 100mA VIN = 4.3V, Temp = 25°C, Rise Time = 184μS VOUT VSHDN Measure Fall Time of 3.3V LDO without Bypass Capacitor Conditions: CIN = 1μF, COUT = 1μF, CBYP = 0pF, ILOAD = 100mA VIN = 4.3V, Temp = 25°C, Fall Time = 52μS VOUT VSHDN |
Numéro de pièce similaire - TC1072-2.5VCH713 |
|
Description similaire - TC1072-2.5VCH713 |