Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186ER-50VCW Fiches technique(PDF) 60 Page - Advanced Micro Devices

No de pièce AM186ER-50VCW
Description  High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ER-50VCW Fiches technique(HTML) 60 Page - Advanced Micro Devices

Back Button AM186ER-50VCW Datasheet HTML 56Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 57Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 58Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 59Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 60Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 61Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 62Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 63Page - Advanced Micro Devices AM186ER-50VCW Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 112 page
background image
60
Am186TMER and Am188TMER Microcontrollers Data Sheet
DRAF
T
ABSOLUTE MAXIMUM RATINGS
Temperature under bias:
Commercial (TC) ........................0°C to + 100°C
Storage temperature ..................–65
°C to + 125°C
Voltage on any pin with
respect to ground.......................... –0.5 V to VCC + 2.6 V
*
Notes:
Stresses above those listed under Absolute Maximum Rat-
ings may cause permanent device failure. Functionality at or
above these limits is not implied. Exposure to absolute maxi-
mum ratings for extended periods may affect device reliability.
*X1 and X2 are not 5-V-tolerant and have a range of –0.5 V to
VCC.
OPERATING RANGES
TC (Commercial) ............................ 0°C to +100°C
Industrial* (TA) ..............................–40°C to + 85°C
VCC up to 50 MHz ............................. 3.3 V ± 0.3 V
Where:
TC = case temperature
TA = ambient temperature
Notes:
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
*Industrial versions of Am186ER and Am188ER microcon-
trollers are available in 25- and 33-MHz operating frequen-
cies only.
DC CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL OPERATING RANGES
Notes:
1. This parameter is for inputs without pullup or pulldown resistors and for which 0
≤ V
IN ≤ VCC.
2. This parameter is for inputs without pullup or pulldown resistors and for which 0
≤ V
IN ≤ 5 V.
3. This parameter is for inputs with pulldown resistors and for which VIH = 2.4 V.
4. This parameter is for inputs with pullup resistors and for which VIL = 0.45 V.
5. This parameter is for three-state outputs where VEXT is driven on the three-state output and 0 ≤ VEXT ≤ VCC.
6. This parameter is for three-state outputs where VEXT is driven on the three-state output and 0 ≤ VEXT ≤ 5 V.
7. This parameter has not been fully tested.
8. Current is measured with the device in RESET with X1 and X2 driven and all other non-power pins open
but held High or Low.
Preliminary
Symbol Parameter Description
Notes
Min
Max
Unit
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.0
VCC + 2.6
V
VIH
Clock Input High Voltage (X2, X1)
VCC
V
VOL
Output Low Voltage
IOL = 4.0 mA
0.45
V
VOH
Output High Voltage
IOH = –1.0 mA
2.4
V
ICC
Power Supply Current
Note 8
5.0
mA/
MHz
ILI
Input Leakage Current
Note 1
Note 2
±15
±50
µA
IIH
Input Leakage Current
Note 3
200
µA
IIL
Input Leakage Current
Note 4
–400
µA
ILO
Output Leakage Current
Note 5
Note 6
±15
±50
µA
CIN
Input Capacitance
FC=1 MHz (Note 7)
10
pF
COUT
I/O Capacitance
FC=1 MHz (Note 7)
14
pF


Numéro de pièce similaire - AM186ER-50VCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KC ROCHESTER-AM186ED-20KC Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KC/W AMD-AM186ED-20KC/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Rochester Electronics
AM186ED-20KI ROCHESTER-AM186ED-20KI Datasheet
592Kb / 1P
   ADVANCED MICROCONTROLLER from the Am186ED/EDLV family made from original AMD wafers
logo
Advanced Micro Devices
AM186ED-20KI/W AMD-AM186ED-20KI/W Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
More results

Description similaire - AM186ER-50VCW

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com