Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC53C2802ETR Fiches technique(PDF) 1 Page - Microchip Technology

No de pièce TC53C2802ETR
Description  Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC53C2802ETR Fiches technique(HTML) 1 Page - Microchip Technology

  TC53C2802ETR Datasheet HTML 1Page - Microchip Technology TC53C2802ETR Datasheet HTML 2Page - Microchip Technology TC53C2802ETR Datasheet HTML 3Page - Microchip Technology TC53C2802ETR Datasheet HTML 4Page - Microchip Technology TC53C2802ETR Datasheet HTML 5Page - Microchip Technology TC53C2802ETR Datasheet HTML 6Page - Microchip Technology TC53C2802ETR Datasheet HTML 7Page - Microchip Technology TC53C2802ETR Datasheet HTML 8Page - Microchip Technology TC53C2802ETR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 2002 Microchip Technology Inc.
DS21432C-page 1
M
TC53
Features
• Highly Accurate: ±2%
• Low Power Consumption: 1.0
µA, Typ.
• Detect Voltage Range: 1.6V to 6.0V and 7.7V
• Operating Voltage: 1.5V to 10.0V
• Output Configuration: Open-Drain or CMOS
• Space-Saving 5-Pin SOT-23A Package
Typical Applications
• Microprocessor Reset Circuits
• Battery Life Monitors and Recharge Voltage
Monitors
• Memory Battery Backup Circuitry
• Power-On Reset Circuits
• Power Failure Detection
• Delay Circuitry
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC53 is a low power voltage detector. Typical
supply current consumption is only 1
µA at an input
voltage of 2V. The voltage detection threshold setting is
factory-programmed and guaranteed to ±2% accuracy.
Threshold settings are available over a range of 1.6V
to 6.0V. The TC53 has both complementary (CMOS)
and open drain (NMOS) output configuration options.
TC53 is the ideal voltage detector for precision
applications in which small size, low installed cost, high
accuracy and low supply current consumption are
critical.
Functional Block Diagram
Part Number
Package
Temp. Range
TC53-xxxxxxxxxx
5-Pin SOT-23A -40°C to +85°C
5
5-Pin SOT-23A
TC53
1
3
4
2
NC
VOUT
VIN
VSS
NC
VREF
VSS
VOUT
VIN
VREF
VSS
VOUT
VIN
2) N-Channel
Open Drain Output
1) CMOS Output
Voltage Detector


Numéro de pièce similaire - TC53C2802ETR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC53C2802ETR MICROCHIP-TC53C2802ETR Datasheet
167Kb / 10P
   TC53
2002
More results

Description similaire - TC53C2802ETR

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com