Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC77-50MOATR Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce TC77-50MOATR
Description  Thermal Sensor with SPI Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC77-50MOATR Fiches technique(HTML) 5 Page - Microchip Technology

  TC77-50MOATR Datasheet HTML 1Page - Microchip Technology TC77-50MOATR Datasheet HTML 2Page - Microchip Technology TC77-50MOATR Datasheet HTML 3Page - Microchip Technology TC77-50MOATR Datasheet HTML 4Page - Microchip Technology TC77-50MOATR Datasheet HTML 5Page - Microchip Technology TC77-50MOATR Datasheet HTML 6Page - Microchip Technology TC77-50MOATR Datasheet HTML 7Page - Microchip Technology TC77-50MOATR Datasheet HTML 8Page - Microchip Technology TC77-50MOATR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2002 Microchip Technology Inc.
DS20092A-page 5
TC77
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, all parameters apply at V
DD = 3.3V for the TC77-3.3MXX and VDD = 5.0V for the TC77-
5.0MXX, and TA = -55°C to +125°C. The TC77-3.3MXX and TC77-5.0MXX will operate from a supply voltage of 2.7V
to 5.5V. However, the temperature accuracy of the TC77-3.3MXX and TC77-5.0MXX is specified at the nominal oper-
ating voltages of 3.3V and 5.0V, respectively.
FIGURE 2-1:
Accuracy vs. Temperature
(TC77-XXMXX)
.
FIGURE 2-2:
Supply Current vs. Supply
Voltage (TC77-XXMXX).
FIGURE 2-3:
Supply Current vs.
Temperature.
FIGURE 2-4:
Shutdown Current vs.
Temperature.
FIGURE 2-5:
Power-On Reset Voltage vs.
Temperature (TC77-XXMXX).
FIGURE 2-6:
Temperature Accuracy vs.
Supply Voltage (TC77-3.3MXX).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-55 -35 -15
5
25
45
65
85 105 125
Reference Temperature (°C)
Upper Specification Limit
Lower Specification Limit
Mean + 3
Mean - 3
Mean
200
210
220
230
240
250
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Supply Voltage (V)
TA = +25°C
TA = +125°C
TA = -55°C
0
50
100
150
200
250
300
350
400
-55
-25
5
356595
125
Temperature (°C)
TC77-5.0MXX
VDD = 5.0 V
TC77-3.3MXX
VDD = 3.3 V
0.0
0.1
0.2
0.3
-55
-25
5
356595
125
Temperature (°C)
TC77-5.0MXX
VDD = 5.0 V
TC77-3.3MXX
VDD = 3.3 V
0.0
0.5
1.0
1.5
2.0
2.5
-55
-25
5
35
65
95
125
Temperature (°C)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
TC77-3.3MXX
TA = -25°C
TA = +25°C
TA = +85°C


Numéro de pièce similaire - TC77-50MOATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC77-5.0MCTTR MICROCHIP-TC77-5.0MCTTR Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
TC77-5.0MOA MICROCHIP-TC77-5.0MOA Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
More results

Description similaire - TC77-50MOATR

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
   Digital Temperature Sensor with SPI??Interface
2002
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
   Digital Temperature Sensor with SPI Interface
05/02/11
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com