Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7876TQ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7876TQ
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7876TQ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7876TQ Datasheet HTML 3Page - Analog Devices AD7876TQ Datasheet HTML 4Page - Analog Devices AD7876TQ Datasheet HTML 5Page - Analog Devices AD7876TQ Datasheet HTML 6Page - Analog Devices AD7876TQ Datasheet HTML 7Page - Analog Devices AD7876TQ Datasheet HTML 8Page - Analog Devices AD7876TQ Datasheet HTML 9Page - Analog Devices AD7876TQ Datasheet HTML 10Page - Analog Devices AD7876TQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 7 of
28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to AGND
−0.3 V to +7 V
VSS to AGND
+0.3 V to −7 V
AGND to DGND
−0.3 V to VDD +0.3 V
VIN to AGND
−15 V to +15 V
REF OUT to AGND
0 V to VDD
Digital Inputs to DGND
−0.3 V to VDD +0.3 V
Digital Outputs to DGND
−0.3 V to VDD +0.3 V
Operating Temperature Range
Commercial (J, K, L Versions–AD7870)
0°C to +70°C
Commercial (K, L Versions–AD7875)
0°C to +70°C
Industrial (A, B, C Versions–AD7870)
−25°C to +85°C
Industrial (B, C Versions–AD7875/
AD7876)
−40°C to +85°C
Extended (T Version)
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
Power Dissipation (Any Package) to +75°C
450 mW
Derates above +75°C by
10 mW/°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Numéro de pièce similaire - AD7876TQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7876TQ AD-AD7876TQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

Description similaire - AD7876TQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com