Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7876BRZ-REEL71 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7876BRZ-REEL71
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7876BRZ-REEL71 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7876BRZ-REEL71 Datasheet HTML 6Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 7Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 8Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 9Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 10Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 11Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 12Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 13Page - Analog Devices AD7876BRZ-REEL71 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 10 of
28
LOAD CIRCUITS
3kΩ
DGND
DBN
10pF
3kΩ
5V
DGND
VOH TO HIGH-Z
VOL TO HIGH-Z
DBN
10pF
56kΩ
DGND
DBN
50pF
56kΩ
DGND
HIGH-Z TO VOH
HIGH-Z TO VOL
DBN
50pF
5V
Figure 5. Load Circuits for Output Float Delay
Figure 4. Load Circuits for Access Time


Numéro de pièce similaire - AD7876BRZ-REEL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7876BR AD-AD7876BR Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

Description similaire - AD7876BRZ-REEL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com