Moteur de recherche de fiches techniques de composants électroniques |
|
AD7876BNZ1 Fiches technique(PDF) 1 Page - Analog Devices |
|
AD7876BNZ1 Fiches technique(HTML) 1 Page - Analog Devices |
1 / 28 page LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs AD7870/AD7875/AD7876 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©1997–2009 Analog Devices, Inc. All rights reserved. FEATURES Complete monolithic 12-bit ADCs with 2 μs track-and-hold amplifier 8 μs ADC On-chip reference Laser-trimmed clock Parallel, byte, and serial digital interface 72 dB SNR at 10 kHz input frequency (AD7870, AD7875) 57 ns data access time Low power: −60 mW typical Variety of input ranges ±3 V for AD7870 0 V to +5 V for AD7875 ±10 V for AD7876 FUNCTIONAL BLOCK DIAGRAM REF OUT VIN INPUT SCALING 12-BIT DAC PARALLEL AND SERIAL INTERFACE AD7870/AD7875/ AD7876 CONTROL LOGIC CLOCK 3V REFERENCE SAR + COUNTER COMP TRACK-AND-HOLD VDD VSS DGND DB11 DB0 CS RD BUSY/INT AGND CLK CONVST 12/8/CLK Figure 1. GENERAL DESCRIPTION The AD7870/AD7875/AD7876 are fast, complete, 12-bit analog-to-digital converters (ADCs). These converters consist of a track-and-hold amplifier, an 8 μs successive approximation ADC, a 3 V buried Zener reference, and versatile interface logic. The ADCs feature a self-contained internal clock which is laser trimmed to guarantee accurate control of conversion time. No external clock timing components are required; the on-chip clock may be overridden by an external clock if required. The parts offer a choice of three data output formats: a single, parallel, 12-bit word; two 8-bit bytes or serial data. Fast bus access times and standard control inputs ensure easy interfacing to modern microprocessors and digital signal processors. All parts operate from ±5 V power supplies. The AD7870 and AD7876 accept input signal ranges of ±3 V and ±10 V, respec- tively, while the AD7875 accepts a unipolar 0 V to +5 V input range. The parts can convert full power signals up to 50 kHz. The AD7870/AD7875/AD7876 feature dc accuracy specifica- tions, such as linearity, full-scale and offset error. In addition, the AD7870 and AD7875 are fully specified for dynamic performance parameters including distortion and signal-to- noise ratio. The parts are available in a 24-pin, 0.3 inch-wide, plastic or hermetic dual-in-line package (DIP). The AD7870 and AD7875 are available in a 28-pin plastic leaded chip carrier (PLCC), while the AD7876 is available and in a 24-pin small outline (SOIC) package. PRODUCT HIGHLIGHTS 1. Complete 12-bit ADC on a chip. The AD7870/AD7875/AD7876 provide all the functions necessary for analog-to-digital conversion and combine a 12-bit ADC with internal clock, track-and-hold amplifier and reference on a single chip. 2. Dynamic specifications for DSP users. The AD7870 and AD7875 are fully specified and tested for ac parameters, including signal-to-noise ratio, harmonic distortion and intermodulation distortion. 3. Fast microprocessor interface. Data access times of 57 ns make the parts compatible with modern 8-bit and 16-bit microprocessors and digital signal processors. Key digital timing parameters are tested and guaranteed over the full operating temperature range. |
Numéro de pièce similaire - AD7876BNZ1 |
|
Description similaire - AD7876BNZ1 |