Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5160BRJZ100-RL72 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5160BRJZ100-RL72
Description  256-Position SPI-Compatible Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5160BRJZ100-RL72 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5160BRJZ100-RL72 Datasheet HTML 7Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 8Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 9Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 10Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 11Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 12Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 13Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 14Page - Analog Devices AD5160BRJZ100-RL72 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5160
Rev. B | Page 11 of 1
6
10k
100k
1M
10M
START 1 000.000Hz
STOP 1 000 000.000Hz
–5.5
–6.0
–6.5
–7.0
–7.5
–8.0
–8.5
–9.0
–9.5
–10.0
–10.5
REF LEVEL
–5.000dB
/DIV
0.500dB
5k
Ω – 1.026 MHz
10k
Ω – 511 MHz
50k
Ω – 101 MHz
100k
Ω – 54 MHz
1
2
VW
CLK
Ch 1 200mV BW Ch 2
5.00 V BW M 100ns A CH2 3.00 V
R = 50k
Ω
R = 5k
Ω
R = 10k
Ω
R = 100k
Ω
Figure 22. –3 dB Bandwidth @ Code = 0x80
Figure 25. Digital Feedthrough
FREQUENCY (Hz)
10k
100
100k
1M
1k
0
20
40
60
CODE = 0x80, VA= VDD, VB = 0V
PSRR @ VDD = 3V DC ± 10% p-p AC
PSRR @ VDD = 5V DC ± 10% p-p AC
Figure 23. PSRR vs. Frequency
FREQUENCY (Hz)
10k
800
700
600
500
400
300
900
200
100
100k
1M
10M
0
CODE = 0x55
CODE = 0xFF
VDD = 5V
Figure 24. IDD vs. Frequency
VW
CS
Ch 1 100mV BW Ch 2
5.00 V BW M 200ns A CH1 152mV
VA = 5V
VB = 0V
1
2
Figure 26. Midscale Glitch, Code 0x80 to Code 0x7F
VW
CS
Ch 1
5.00V BW Ch 2
5.00 V BW M 200ns A CH1 3.00 V
VA = 5V
VB = 0V
1
2
Figure 27. Large Signal Settling Time, Code 0xFF to Code 0x00


Numéro de pièce similaire - AD5160BRJZ100-RL72

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5160BRJZ100-RL72 AD-AD5160BRJZ100-RL72 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results

Description similaire - AD5160BRJZ100-RL72

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
   256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
   256-Position SPI Compatible Digital Potentiometer
REV. 0
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162 Datasheet
960Kb / 20P
   Dual 256-Position SPI Digital Potentiometer
REV. A
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com