Moteur de recherche de fiches techniques de composants électroniques |
|
AD5160BRJ100 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD5160BRJ100 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 16 page AD5160 Rev. B | Page 3 of 16 SPECIFICATIONS ELECTRICAL CHARACTERISTICS—5 kΩ VERSION VDD = 5 V ± 10%, or 3 V ± 10%; VA = +VDD; VB = 0 V; –40°C < TA < +125°C; unless otherwise noted. Table 1. Parameter Symbol Conditions Min Typ1 Max Unit DC CHARACTERISTICS Rheostat Mode Resistor Differential Nonlinearity2 R-DNL RWB, VA = no connect −1.5 ±0.1 +1.5 LSB Resistor Integral Nonlinearity2 R-INL RWB, VA = no connect −4 ±0.75 +4 LSB Nominal Resistor Tolerance3 ∆RAB TA = 25°C −20 +20 % Resistance Temperature Coefficient ∆RAB/∆T VAB = VDD, wiper = no connect 45 ppm/°C Wiper Resistance RW 50 120 Ω Potentiometer Divider Mode Specifications apply to all VRs Resolution N 8 Bits Differential Nonlinearity4 DNL −1.5 ±0.1 +1.5 LSB Integral Nonlinearity4 INL −1.5 ±0.6 +1.5 LSB Voltage Divider Temperature Coefficient ∆VW/∆T Code = 0x80 15 ppm/°C Full-Scale Error VWFSE Code = 0xFF −6 −2.5 0 LSB Zero-Scale Error VWZSE Code = 0x00 0 +2 +6 LSB RESISTOR TERMINALS Voltage Range5 VA, VB, VW GND VDD V Capacitance A, Capacitance B6 CA,B f = 1 MHz, measured to GND, code = 0x80 45 pF Capacitance W6 CW f = 1 MHz, measured to GND, code = 0x80 60 pF Common-Mode Leakage ICM VA = VB = VDD/2 1 nA DIGITAL INPUTS Input Logic High VIH 2.4 V Input Logic Low VIL 0.8 V Input Logic High VIH VDD = 3 V 2.1 V Input Logic Low VIL VDD = 3 V 0.6 V Input Current IIL VIN = 0 V or 5 V ±1 μA Input Capacitance6 CIL 5 pF POWER SUPPLIES Power Supply Range VDD RANGE 2.7 5.5 V Supply Current IDD VIH = 5 V or VIL = 0 V 3 8 μA Power Dissipation7 PDISS VIH = 5 V or VIL = 0 V, VDD = 5 V 0.2 mW Power Supply Sensitivity PSS ∆VDD = +5 V ± 10%, code = midscale ±0.02 ±0.05 %/% DYNAMIC CHARACTERISTICS6, 8 Bandwidth –3 dB BW_5K RAB = 5 kΩ, code = 0x80 1.2 MHz Total Harmonic Distortion THDW VA = 1 V rms, VB = 0 V, f = 1 kHz 0.05 % VW Settling Time tS VA = 5 V, VB = 0 V, ±1 LSB error band 1 μs Resistor Noise Voltage Density eN_WB RWB = 2.5 kΩ 6 nV/√Hz 1 Typical specifications represent average readings at +25°C and VDD = 5 V. 2 Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. 3 VAB = VDD, wiper (VW) = no connect. 4 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output digital-to-analog converter (DAC). VA = VDD and VB = 0 V. DNL specification limits of ±1 LSB maximum are guaranteed monotonic operating conditions. 5 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. 6 Guaranteed by design and not subject to production test. 7 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation. 8 All dynamic characteristics use VDD = 5 V. |
Numéro de pièce similaire - AD5160BRJ100 |
|
Description similaire - AD5160BRJ100 |