Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ70A Fiches technique(PDF) 9 Page - AVX Corporation

No de pièce SMAJ70A
Description  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVX [AVX Corporation]
Site Internet  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ70A Fiches technique(HTML) 9 Page - AVX Corporation

Back Button SMAJ70A Datasheet HTML 2Page - AVX Corporation SMAJ70A Datasheet HTML 3Page - AVX Corporation SMAJ70A Datasheet HTML 4Page - AVX Corporation SMAJ70A Datasheet HTML 5Page - AVX Corporation SMAJ70A Datasheet HTML 6Page - AVX Corporation SMAJ70A Datasheet HTML 7Page - AVX Corporation SMAJ70A Datasheet HTML 8Page - AVX Corporation SMAJ70A Datasheet HTML 9Page - AVX Corporation SMAJ70A Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PACKAGING SPECIFICATIONS FOR SMA, SMB, SMC SERIES OR
GENERAL PURPOSE TRANSIENT VOLTAGE SUPPRESSION DIODES
Transient Suppression Diodes
For General Purpose Use
D1
For components
2.00 mm x 1.20 mm and
larger (0.079 x 0.047)
User Direction of Feed
t
K
Top
Cover
Tape
B1
K0
For Machine Reference Only
Including Draft Radii
Concentric Around Bo
10 pitches
cumulative
tolerance on
tape
±0.2mm (0.008)
D
P0
P2
W
F
E
P
A0
B0
CARRIER TAPE
SYMBOL
SPECIFICATIONS
Unit
SMA
SMB
SMC
W
mm
12.0±0.3
12.0±0.3
16.0±0.3
D
mm
1.55±0.1-0.0
1.55±0.1-0.0
1.55±0.1-0.0
E
mm
1.75±0.10
1.75±0.10
1.75±0.10
P0
mm
4.0±0.10
4.0±0.10
4.0±0.10
t (Max)
mm
0.400
0.400
0.400
A0
mm
2.79±0.10
3.67±0.10
6.05±0.10
B0
mm
5.33±0.10
5.69±0.10
8.31±0.10
K0
mm
2.36±0.10
2.67±0.10
2.54±0.10
B1 (Max)
mm
8.2
8.2
12.1
D1 (Min)
mm
1.5
1.5
1.5
F
mm
5.5±0.05
5.5±0.05
7.5±0.05
K (Max)
mm
4.5
4.5
3.29
P2
mm
2.0±0.05
2.0±0.05
2.0±0.05
P
mm
4.0±0.10
8.0±0.10
8.0±0.10


Numéro de pièce similaire - SMAJ70A

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
SMAJ70A LUGUANG-SMAJ70A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ70A SUNMATE-SMAJ70A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Jinan Gude Electronic D...
SMAJ70A JGD-SMAJ70A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ70A SOCAY-SMAJ70A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
First Silicon Co., Ltd
SMAJ70A FS-SMAJ70A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Description similaire - SMAJ70A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com