Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7440530047 Fiches technique(PDF) 6 Page - Skyworks Solutions Inc.

No de pièce 7440530047
Description  12V, 1.5A Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

7440530047 Fiches technique(HTML) 6 Page - Skyworks Solutions Inc.

Back Button 7440530047 Datasheet HTML 2Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 3Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 4Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 5Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 6Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 7Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 8Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 9Page - Skyworks Solutions Inc. 7440530047 Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201998B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
AAT1162
12V, 1.5A Step-Down DC/DC Converter
DATA SHEET
Typical Characteristics
Test circuit of Figure 2, unless otherwise specified.
Supply Current vs. Input Voltage
(VOUT = 5V)
Input Voltage (V)
110
120
130
140
150
160
170
6
7
8
9
10
11
12
85°C
25°C
-40°C
Switching Current vs. Temperature
(VOUT = 5V)
Temperature (°C)
110
120
130
140
150
160
170
-40
-15
10
35
60
85
VIN = 12V
VIN = 6V
N-Channel R
DS(ON) vs. Temperature
Temperature (°C)
0
20
40
60
80
100
120
-40
-15
10
35
60
85
VIN = 12V
VIN = 6V
P-Channel R
DS(ON) vs. Temperature
(VIN = 6V)
Temperature (°C)
0
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
VIN = 6V
VIN = 12V
Switching Frequency vs. Temperature
Temperature (°C)
770
775
780
785
790
795
800
805
810
-40
-15
10
35
60
85
VIN = 6V
VIN = 12V
Start-up Time
(VOUT = 5.0V; CFF = 100pF; RLOAD = 1.5A;
CIN = 10µF; COUT = 22µF; L = 3.8µH)
Time (500µs/div)
0
1
2
3
4
5
6
0
1
2
3
4
5
6
V
OUT
ILOAD
VEN


Numéro de pièce similaire - 7440530047

FabricantNo de pièceFiches techniqueDescription
logo
Monolithic Power System...
7440530047 MPS-7440530047 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Wurth Elektronik GmbH &...
7440530047 WURTH-7440530047 Datasheet
142Kb / 3P
   POWER-CHOKE WE-TPC
7440530047 WURTH-7440530047_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results

Description similaire - 7440530047

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
   12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
   12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
   12V,1.5A Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com