Moteur de recherche de fiches techniques de composants électroniques |
|
2NT91-6 Fiches technique(PDF) 3 Page - Honeywell Accelerometers |
|
2NT91-6 Fiches technique(HTML) 3 Page - Honeywell Accelerometers |
3 / 9 page Manual Switches NT Series Sealed Toggle Switches Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada 109 NT 2-POSITION ORDER GUIDE Circuits Made With Toggle At: Standard Lever Termination Style No. of Poles Keyway Position Opposite Keyway UL Rating Code Elect. Rating Code Screw Solder Q-C Pull-To-Unlock Lever (Add suffix to Standard Lever Listing) OFF 2-3 L191 1 1NT1-2 11NT1-2 1NT91-2 D, F, G 1 1-2 2-3 L191 1 1NT1-3 11NT1-3 1NT91-3 D, F, G OFF* 2-3 L192 2 1NT1-4 11NT1-4 1NT91-4 F 1-2* OFF L192 2 1NT1-6 11NT1-6 1NT91-6 F 1-2* 2-3 L192 2 1NT1-8 11NT1-8 1NT91-8 F OFF 2-3, 5-6 L191 3 2NT1-2 12NT1-2 2NT91-2 D, F, G 2 1-2, 4-5 2-3, 5-6 L191 3 2NT1-3 12NT1-3 2NT91-3 F OFF* 2-3, 5-6 L192 4 2NT1-4 12NT1-4 2NT91-4 F 1-2, 4-5* OFF L192 4 2NT1-6 12NT1-6 2NT91-6 D, F, G 1-2, 4-5* 2-3, 5-6 L192 4 2NT1-8 12NT1-8 2NT91-8 F OFF 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-2 14NT1-2 4NT91-2 D, F, G 4 1-2, 4-5, 7-8, 10-11 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-3 14NT1-3 4NT91-3 F OFF* 2-3, 5-6, 8-9, 11-12 L192 6 4NT1-4 14NT1-4 4NT91-4 F 1-2, 4-5, 7-8, 10-11* OFF L192 6 4NT1-6 14NT1-6 4NT91-6 D, F, G 1-2, 4-5, 7-8, 10-11* 2-3, 5-6, 8-9, 11-12 L192 6 4NT1-8 14NT1-8 4NT91-8 F NT 3-POSITION ORDER GUIDE Circuits Made With Toggle At: No. of Poles Keyway Position Center Position Opposite Keyway UL Rating Code Elect. Rating Code Standard Lever Termination Style Screw Solder Q-C Pull-To-Unlock Lever (Add suffix to Standard Lever Listing) 1-2 OFF 2-3 L191 1 1NT1-1 11NT1-1 1NT91-1 ALL TYPES 1 1-2* OFF 2-3 L192 2 1NT1-5 11NT1-5 1NT91-5 E, F, K, L, M, N 1-2* OFF 2-3* L192 2 1NT1-7 11NT1-7 1NT91-7 E, L, N NONE** OFF 2-3 L191 1 1NT1-21 11NT1-21 1NT91-21 E, F, K, M NONE** 1-2 2-3 L191 1 1NT1-31 11NT1-31 1NT91-31 E, F, K, M NONE** 1-2 2-3* L192 2 1NT1-51 11NT1-51 1NT91-51 E 1-2* OFF NONE** L192 2 1NT1-61 11NT1-61 1NT91-61 E 1-2, 4-5 OFF 2-3, 5-6 L191 3 2NT1-1 12NT1-1 2NT91-1 ALL TYPES 2 1-2, 4-5* OFF 2-3, 5-6 L192 4 2NT1-5 12NT1-5 2NT91-5 E, F, K, L, M, N 1-2, 4-5* OFF 2-3, 5-6* L192 4 2NT1-7 12NT1-7 2NT91-7 E, L, N NONE* OFF 2-3, 5-6 L191 3 2NT1-21 12NT1-21 2NT91-21 E, F, K, M NONE** 1-2, 4-5 2-3, 5-6 L191 3 2NT1-31 12NT1-31 2NT91-31 E, F, K, M NONE** 1-2, 4-5 2-3, 5-6* L192 4 2NT1-51 12NT1-51 2NT91-51 E 1-2, 4-5* OFF NONE** L192 4 2NT1-61 12NT1-61 2NT91-61 E 1-2, 4-5 2-3, 4-5 2-3, 5-6 L191 3 2NT1-12 12NT1-12 2NT91-12 ALL TYPES 1-2, 4-5 1-2, 5-6 2-3, 5-6 L191 3 2NT1-10 12NT1-10 2NT91-10 ALL TYPES 1-2, 4-5* 1-2, 5-6 2-3, 5-6 L192 4 2NT1-50 12NT1-50 2NT91-50 L, F, K, L, M, N 1-2, 4-5* 1-2, 5-6 2-3, 5-6* L192 4 2NT1-70 12NT1-70 2NT91-70 E, L, N 1-2, 4-5, 7-8, 10-11 OFF 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-1 14NT1-1 4NT91-1 ALL TYPES 4 1-2, 4-5, 7-8, 10-11* OFF 2-3, 5-6, 8-9, 11-12 L192 6 4NT1-5 14NT1-5 4NT91-5 E, F, K, L, M, N 1-2, 4-5, 7-8, 10-11* OFF 2-3, 5-6, 8-9, 11-12* L192 6 4NT1-7 14NT1-7 4NT91-7 E, L, N NONE* OFF 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-21 14NT1-21 4NT91-21 E, F, K, M NONE** 1-2, 4-5, 7-8, 10-11 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-31 14NT1-31 4NT91-31 E, F, K, M NONE** 1-2, 4-5, 7-8, 10-11 2-3, 5-6, 8-9, 11-12* L192 6 4NT1-51 14NT1-51 4NT91-51 E 1-2, 4-5, 7-8, 10-11* OFF NONE** L192 6 4NT1-61 14NT1-61 4NT91-61 E 1-2, 4-5, 7-8, 10-11 2-3, 4-5, 7-8, 11-12 2-3, 5-6, 8-9, 11-12 L191 5 4NT1-12 14NT1-12 4NT91-12 ALL TYPES 1-2, 4-5 7-8, 10-11 2-3, 4-5 2-3, 5-6 8-9, 11-12 L191 5 4NT1-10 14NT1-10 4NT91-10 ALL TYPES 1-2, 4-5, 7-8, 10-11* 2-3, 4-5, 7-8, 11-12 2-3, 5-6, 8-9, 11-12 L192 6 4NT1-50 14NT1-50 4NT91-50 E, F, K, L, M, N 1-2, 4-5, 7-8, 10-11* 2-3, 4-5 2-3, 5-6, 8-9, 11-12* L192 6 4NT1-70 14NT1-70 4NT91-70 E, L, N * These positions are momentary. All others are maintained. ** Toggle lever is blocked from these products. Toggle becomes 2-position, with center being one extreme position. |
Numéro de pièce similaire - 2NT91-6 |
|
Description similaire - 2NT91-6 |