Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSZ54 Fiches technique(PDF) 3 Page - Honeywell Accelerometers

No de pièce LSZ54
Description  Interactive Catalog Supplements Catalog PDFs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL-ACC [Honeywell Accelerometers]
Site Internet  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

LSZ54 Fiches technique(HTML) 3 Page - Honeywell Accelerometers

  LSZ54 Datasheet HTML 1Page - Honeywell Accelerometers LSZ54 Datasheet HTML 2Page - Honeywell Accelerometers LSZ54 Datasheet HTML 3Page - Honeywell Accelerometers LSZ54 Datasheet HTML 4Page - Honeywell Accelerometers LSZ54 Datasheet HTML 5Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Limit and Enclosed Switches
CX Series
Weather-Sealed Explosion-Proof Switches
A128
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
ELECTRICAL RATINGS
Circuitry
Electrical Ratings
A
UL/CSA Rating: L96
BZ
15 amps, 120, 240 or 480 VAC, ind. and res.
Single-Pole
1
8 Hp, 120 VAC; 14 Hp, 240 VAC.
Double-throw
.5 amp, 125 VDC, .25 amp, 250 VDC., res.
B
UL/CSA Rating: L23
BA
20 amps, 120, 240 or 480 VAC, ind. and res.
Single-Pole
1 Hp, 120 VAC; 2 Hp, 240 VAC.
Double-throw
.5 amp, 125 VDC, .25 amp, 250 VDC res.
C
UL/CSA Rating: L59
DT
10 amps, 120 or 240 VAC, ind. and res.
Double-pole
.3 amp, 125 VDC, .15 amp, 250 VDC, res.
Double-throw
D
UL/CSA Rating: L22
HS
1 amp, 120 VAC, ind. and res.
Single-Pole
Double-throw
F
UL/CSA Rating: L22
BZ (Gold Contact)
1 amp, 125 VAC
Single-Pole
Double-throw
ANALOG POSITION SENSING SPECIFICATIONS
Current Output (4-20 mA)
Replacement PC Board
Voltage compliance range: 12.5 to 40 VDC
Maximum load resistance:
RL, Max,–V Supply - 12.5
20 mA
Current signal output: 4-20 mA
Span: Adjustable from 15° to 90° of angular
rotation.
Null: 4 mA position may be set at any angular
position.
For current output devices 15PA261-CX
OPERATING CHARACTERISTICS (All CX Switches)
Rotary Actuation
Plunger Actuation
Basic Switch Type
BZ
BA
DT
HS
BZ
BA
HS
Pretravel (max.)*
15°
15°
30°
30°
.10 in./2,5 mm
Differential Travel (max.)
10°
10°
25°
20°
.04 in./1.0 mm
Overtravel (min.)*
90°
90°
75°
75°
.19 in./4,75 mm
Operating Torque (max.)
11.1 in. lb./1,25 Nm
Operating Force (max.)
8.82 lb./39,2 N
REPLACEMENT BASIC SWITCH
ASSEMBLIES
These assemblies are factory adjusted to
the same operating characteristics as a new
CX switch. They include components sub-
ject to mechanical or electrical wear: basic
switches, cam wheels and followers, and
springs.
To order, change the first number in the
complete switch catalog listing to 9 for ro-
tary switches and 10 for plunger switches
with short housings.
Example:
Rotary switch 12CX5
Replacement
92CX5
Plunger switch 36CX2
Replacement
106CX2
Note: Basic switch assemblies for rotary ac-
tuated switches, with or without shaft restor-
ing force, will be the same.
For example:
11CX1 and 11CX11 use 91CX1.
* May be modified in field to suit application requirements.
N
Newtons
Nm
Newton meters
LOW TEMPERATURE SWITCHES
Add the letter C to listings for low temperature versions.
Example: 21CX14C –40°F (–40°C) Rotary
36CX2C –35°F (–37°C) Plunger
* May be modified in field to suit application requirements.
N
Newtons
Nm
Newton meters
LOW TEMPERATURE SWITCHES
Add the letter C to listings for low temperature versions.
Example: 21CX14C –40°F (–40°C) Rotary
36CX2C –35°F (–37°C) Plunger


Numéro de pièce similaire - LSZ54

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
LSZ54 HONEYWELL-LSZ54 Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSZ54M HONEYWELL-LSZ54M Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSZ54N HONEYWELL-LSZ54N Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSZ54P HONEYWELL-LSZ54P Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSZ54R HONEYWELL-LSZ54R Datasheet
11Mb / 38P
   MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Description similaire - LSZ54

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Solid State E...
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
12TW1-1A HONEYWELL-ACC-12TW1-1A Datasheet
478Kb / 6P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
VF443A HONEYWELL-VF443A Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
BZLN-RH HONEYWELL-ACC-BZLN-RH Datasheet
268Kb / 2P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Solid State E...
L192 HONEYWELL-L192 Datasheet
444Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
18CX10 HONEYWELL-18CX10 Datasheet
451Kb / 5P
   Interactive Catalog Supplements Catalog PDFs
BA-2R HONEYWELL-BA-2R Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
DUXL01D HONEYWELL-DUXL01D Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
V7-3S17D8 HONEYWELL-V7-3S17D8 Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
logo
Honeywell Accelerometer...
24PCEFJ6G HONEYWELL-ACC-24PCEFJ6G Datasheet
199Kb / 3P
   Interactive Catalog Supplements Catalog PDFs
AML21EBA2AA HONEYWELL-ACC-AML21EBA2AA Datasheet
704Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com