Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DM-301 Datasheet(Fiches technique) 5 Page - List of Unclassifed Manufacturers

Numéro de pièce DM-301
Description  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DM-301 Datenblatt HTML 1Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 2Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 3Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 4Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 6Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 7Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 8Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
WELDED TIP THERMOCOUPLES, GLASSFIBRE
INSULATED. STYLE Z3
q
Fast response, exposed junction
q
Thermocouple types J,K & T
q
Glassfibre insulated wires, silicone varnished
q
Flat pair, 1/0.315mm, 2m long
q
Rated -60C to 350C
q
Ideal for test & development applications
FINE WIRE
WELDED TIP THERMOCOUPLES,
PFA INSULATED. STYLE Z2
q
Fast response, exposed junction
q
Thermocouple type K&T
q
PFA insulated wires, 1m singles
1/0.08mm, class 1
q
Rated -75C to 250C
q
IEC colours supplied (ANSI shown)
q
Ideal for test & development applications
WELDED TIP THERMOCOUPLES,
PFA INSULATED. STYLE Z2
q
Fast response, exposed junction
q
Thermocouple types J,K & T
q
PFA insulated wires
q
Twin twist 1/0.2mm, Class 1,
2m long
q
Rated -75C to 250C
q
Ideal for test & development applications
VERY FINE
WELDED TIP THERMOCOUPLES,
BARE WIRE. STYLE Z1
q
Optimum sensitivity, very responsive
q
Exposed junction
q
Thermocouple type K
q
Bare wires 1/0.0254mm x 200mm
q
Ideal for minimally invasive temperature sensing
WELDED TIP THERMOCOUPLES WITH
MINIATURE PLUGS & CHOICE OF LEAD.
STYLE Z2 & Z3
q
Choice of fitted (220C) or ?moulded-on? miniature plug (100C)
q
Fast response, exposed junction
q
Thermocouple types J,K,T & N
q
Choice of PFA insulated wires 2m, twin twist 1/0.2mm,
Class 1 or Glassfibre, flat pair 1/0.315mm
q
Rated -75C to 250C, PFA (-60C to 350C glassfibre)
q
Ideal for test & development applications
CABLE TIDY THERMOCOUPLE WITH
FITTED MINIATURE PLUG
q
A complete, precision fine wire, high sensitivity thermocouple with
a fitted miniature connector
q
Quick and easy integral storage of the thermocouple
q
Type K & T thermocouples, 1 & 2m lengths
q
Class 1 wire for high accuracy
q
PFA insulated wire, 0.2 & 0.315mm conductors
q
Rated 220C continuous
q
Ideal & convenient for scientific and industrial test & measurement
Details on application
5
www.labfacility.co.uk
Type
J
Type
K
Ty
pe
T
Type
N
Type
E
Ty
pe
R
Ty
pe
S
THERMOCOUPLES
WELDED TIP FINE WIRE
THERMOCOUPLES
ORDER CODES
K
Z3-K-F/G-1/0.315-2.0-T
T
Z3-T-F/G-1/0.315-2.0-T
J
Z3-J-F/G-1/0.315-2.0-T
FOR PACKS OF FIVE,
ADD x5 TO CODE
Other thermocouple types available,
details on request.
ORDER CODES
Type K
Z1-K-1/0.0254-0.2-T
FOR PACKS OF FIVE
ADD x5 TO CODE
Other thermocouple types available
details on request.
ORDER CODES
Fitted plug PFA:
Type J
Z2-J-PFA-TT-1/0.2-2.0-MP
Type K
Z2-K-PFA-TT-1/0.2-2.0-MP
Type T
Z2-T-PFA-TT-1/0.2-2.0-MP
Fitted plug Glassfibre:
Type J
Z3-J-F/G-1/0.315-2.0-MP
Type K
Z3-K-F/G-1/0.315-2.0-MP
Type N
Z3-N-F/G-1/0.315-2.0-MP
?Moulded-on? plug PFA
Type J
Z2-J-PFA-TT-1/0.2-2.0-MMP
Type K
Z2-K-PFA-TT-1/0.2-2.0-MMP
Type T
Z2-T-PFA-TT-1/0.2-2.0-MMP
FOR PACKS OF FIVE,
ADD x5 TO CODE
Other thermocouple types available,
details on request
ORDER CODES
K
Z2-K-PFA-TT-1/0.2-2.0-T
T
Z2-T-PFA-TT-1/0.2-2.0-T
J
Z2-J-PFA-TT-1/0.2-2.0-T
FOR PACKS OF FIVE,
ADD x5 TO CODE
Other thermocouple types available,
details on request.
ORDER CODES
K
Z2-K-PFA-TT-1/0.08-1.0-T
T
Z2-T-PFA-TT-1/0.08-1.0-T
FOR PACKS OF FIVE,
ADD x5 TO CODE
Other thermocouple types available,
details on request.
Alternatives made to order ? details on request


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn