Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DM-301 Datasheet(Fiches technique) 3 Page - List of Unclassifed Manufacturers

Numéro de pièce DM-301
Description  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM-301 Datenblatt HTML 1Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 2Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 4Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 5Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 6Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 7Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 8Page - List of Unclassifed Manufacturers DM-301 Datenblatt HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MINERAL INSULATED THERMOCOUPLES
WITH TAILS. STYLE MD
q
Mineral insulated thermocouple type K
q
Choice of stainless steel 310 or Inconel 600 sheath
q
M8 x 1.0mm threaded pot (200°C)
q
Sensor temperature range -100 to 1100°C
q
Tails 100mm, PFA insulated twin twisted, 7/0.2mm
MINERAL INSULATED THERMOCOUPLES
WITH EXTENSION LEAD & PLAIN
POT SEAL. STYLE MA
q
Mineral insulated thermocouple type J or K
q
Plain, stainless steel pot (200°C)
q
Stainless steel sheath, type K 310, type J 321
q
Type K -100 to 1100°C sensor range
q
Type J -100 to 760°C sensor range
q
2m PFA insulated lead, 7/0.2mm flat pair
MINERAL INSULATED THERMOCOUPLES
WITH EXTENSION LEAD & THREADED POT
SEAL. STYLE MA
q
Mineral insulated thermocouple type K or N
q
Type N Nicrosil sheath, type K stainless steel sheath 310
q
M8 x 1.0mm threaded pot seal (200°C)
q
Type K -100 to 1100°C sensor range
q
Type N -230 to 1300°C sensor range
q
2m PFA insulated lead, 7/0.2mm flat pair
3
THERMOCOUPLES
ORDER CODES
Type K stainless steel sheath
Probe Probe
Code
dia
length
(mm) (mm)
0.5
150
MD-ISK-S05-150-P5
0.5
250
MD-ISK-S05-250-P5
0.5
500
MD-ISK-S05-500-P5
0.5
1000
MD-ISK-S05-1000-P5
1.0
150
MD-ISK-S10-150-P5
1.0
250
MD-ISK-S10-250-P5
1.0
500
MD-ISK-S10-500-P5
1.0
1000
MD-ISK-S10-1000-P5
1.5
150
MD-ISK-S15-150-P5
1.5
250
MD-ISK-S15-250-P5
1.5
500
MD-ISK-S15-500-P5
1.5
1000
MD-ISK-S15-1000-P5
3.0
150
MD-ISK-S30-150-P5
3.0
250
MD-ISK-S30-250-P5
3.0
500
MD-ISK-S30-500-P5
3.0
1000
MD-ISK-S30-1000-P5
3.0
2000
MD-ISK-S30-2000-P5
6.0
250
MD-ISK-S60-250-P5
6.0
500
MD-ISK-S60-500-P5
6.0
1000
MD-ISK-S60-1000-P5
6.0
2000
MD-ISK-S60-2000-P5
ORDER CODES
Inconel Sheath
Probe Probe
Code
dia
length
(mm) (mm)
1.0
500
MD-ISK-I10-500-P5
1.0
1000
MD-ISK-I10-1000-P5
1.5
500
MD-ISK-I15-500-P5
1.5
1000
MD-ISK-I15-1000-P5
3.0
500
MD-ISK-I30-500-P5
3.0
1000
MD-ISK-I30-1000-P5
3.0
2000
MD-ISK-I30-2000-P5
6.0
1000
MD-ISK-I60-1000-P5
6.0
2000
MD-ISK-I60-2000-P5
ORDER CODES
Type K
Probe Probe Code
dia
length
(mm) (mm)
1.0 300
MA-ISK-S10-300-P5-2.0-C2-T
1.5 300
MA-ISK-S15-300-P5-2.0-C2-T
3.0 300
MA-ISK-S30-300-P5-2.0-C2-T
6.0 300
MA-ISK-S60-300-P5-2.0-C2-T
1.0 500
MA-ISK-S10-500-P5-2.0-C2-T
1.5 500
MA-ISK-S15-500-P5-2.0-C2-T
3.0 500
MA-ISK-S30-500-P5-2.0-C2-T
6.0 500
MA-ISK-S60-500-P5-2.0-C2-T
ORDER CODES
Type N
Probe Probe Code
dia
length
(mm) (mm)
1.0 300 MA-ISN-N10-300-P5-2.0-C2-T
1.5 300 MA-ISN-N15-300-P5-2.0-C2-T
3.0 300 MA-ISN-N30-300-P5-2.0-C2-T
6.0 300 MA-ISN-N60-300-P5-2.0-C2-T
1.0 500 MA-ISN-N10-500-P5-2.0-C2-T
1.5 500 MA-ISN-N15-500-P5-2.0-C2-T
3.0 500 MA-ISN-N30-500-P5-2.0-C2-T
6.0 500 MA-ISN-N60-500-P5-2.0-C2-T
www.labfacility.co.uk
Type
J
Type
K
Ty
pe
T
Type
N
Type
E
Ty
pe
R
Ty
pe
S
MINERAL INSULATED THERMOCOUPLES
Mineral insulated thermocouples are for use up to 1300°C depending on the configuration. They are rugged, steel sheathed
probes with flexible sheaths allowing bending or forming. They offer long life (depending on use) and can be used in high
pressure and vibration applications. Stainless steel sheaths provide optimum flexibility Inconel 600 offers better corrosion
resistance in many applications.
Alternative cable types available.
Alternatives made to order – details on request
ORDER CODES
Type K
Probe Probe Code
dia
length
(mm) (mm)
0.5 150 MA-ISK-S05-150-P1-2.0-C2-T
0.5 250 MA-ISK-S05-250-P1-2.0-C2-T
1.0 150 MA-ISK-S10-150-P1-2.0-C2-T
1.0 250 MA-ISK-S10-250-P1-2.0-C2-T
1.5 150 MA-ISK-S15-150-P1-2.0-C2-T
1.5 250 MA-ISK-S15-250-P1-2.0-C2-T
3.0 150 MA-ISK-S30-150-P1-2.0-C2-T
3.0 250 MA-ISK-S30-250-P1-2.0-C2-T
6.0 150 MA-ISK-S60-150-P1-2.0-C2-T
6.0 250 MA-ISK-S60-250-P1-2.0-C2-T
ORDER CODES
Type J
Probe Probe Code
dia
length
(mm) (mm)
1.5 150 MA-ISJ-S15-150-P1-2.0-C2-T
1.5 250 MA-ISJ-S15-250-P1-2.0-C2-T
3.0 150 MA-ISJ-S30-150-P1-2.0-C2-T
3.0 250 MA-ISJ-S30-250-P1-2.0-C2-T
6.0 150 MA-ISJ-S60-150-P1-2.0-C2-T
6.0 250 MA-ISJ-S60-250-P1-2.0-C2-T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn