Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FFA40UP35STU Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FFA40UP35STU
Description  40 A, 350 V Ultrafast Diode
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA40UP35STU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFA40UP35STU Datenblatt HTML 1Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 2Page - Fairchild Semiconductor FFA40UP35STU Datenblatt HTML 3Page - Fairchild Semiconductor FFA40UP35STU Datenblatt HTML 4Page - Fairchild Semiconductor FFA40UP35STU Datenblatt HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. C1
Electrical Characteristics T
C = 25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Unit
VF1
IF = 40 A
IF = 40 A
TC = 25oC
TC = 125oC
-
-
-
-
1.6
1.5
V
IR1
VR = 350 V
VR = 350 V
TC = 25oC
TC = 125oC
-
-
-
-
100
500
A
trr
IF = 1 A, diF/dt = 100 A/s, VR = 30 V
IF = 40 A, diF/dt = 200 A/s, VR = 230 V
TC = 25oC
-
-
26
28
53
55
ns
ta
tb
Qrr
IF = 40 A, diF/dt = 200 A/s, VR = 230V
TC = 25oC
-
-
-
17
11
36
-
-
-
ns
ns
nC
WAVL
Avalanche Energy ( L = 40 mH)
20
-
-
mJ
Figure 1. Diode Reverse Recovery Test Circuit & Waveform
Figure 2. Unclamped Inductive Switching Test Circuit & Waveform
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
s, Duty Cycle = 2%


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn