Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS26500 Fiches technique(PDF) 1 Page - saftbatteries

No de pièce LS26500
Description  3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAFT [saftbatteries]
Site Internet  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LS26500 Fiches technique(HTML) 1 Page - saftbatteries

  LS26500 Datasheet HTML 1Page - saftbatteries LS26500 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
l
High voltage response, stable
during most of the lifetime of the
application
l
Wide operating temperature
range (- 60°C/+ 85°C)
l
Low self-discharge rate
(less than 1 % after 1 year of
storage at + 20°C)
l
Easy integration into compact
systems
l
Superior resistance to
atmospheric corrosion
Key features
l
Stainless steel container
and end caps
(low magnetic signature)
l
Hermetic glass-to-metal sealing
l
Non-flammable electrolyte
l
Underwriters Laboratories (UL)
Component Recognition
l
Compliant with IEC 60086-4
safety standard and
IEC 60079-11 intrinsic safety
standard
l
Restricted for transport (Class 9)
Main applications
l
Utility metering
l
Automatic meter readers
l
Buoys
l
Measuring equipment
l
Industrial applications
l
Professional electronics
Optional upon request
l
Low magnetic version
Primary lithium battery
LS 26500
3.6 V Primary lithium-thionyl chloride (Li-SOCl2)
High energy density
C-size bobbin cell
Cell size references
C
May 2010
Electrical characteristics
(typical values relative to cells stored for one year or less at + 30°C max.)
Nominal capacity
7.7 Ah
(at 4 mA + 20 °C 2.0 V cut-off. The capacity restored by the cell varies
according to current drain, temperature and cut-off)
Open circuit voltage
(at + 20°C)
3.67 V
Nominal voltage
(at 0.5 mA + 20°C)
3.6 V
Nominal energy
27.72 Wh
Pulse capability: Typically up to 300 mA
(300 mA/0.1 second pulses, drained every 2 mn at + 20°C from undischarged cells with 10 µA
base current, yield voltage readings above 3.0 V. The readings may vary according to the pulse
characteristics, the temperature, and the cell’s previous history. Fitting the cell with a capacitor
may be recommended in severe conditions. Consult Saft)
Maximum recommended continuous current
150 mA
(Higher currents possible, consult Saft)
Storage
(recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 60°C/+ 85°C
(Operation above ambient T may lead to reduced capacity and
(- 76°F/+ 185°F)
lower voltage readings at the beginning of pulses. Consult Saft)
Physical characteristics
Diameter (max)
26.0 mm (1.02 in)
Height (max)
49.1 mm or 50.4 mm
(1.93 in or 1.98 in)
depending on finish type
Typical weight
48 g (1.7 oz)
Li metal content
approx. 2.0 g
Available termination suffix
CNR
radial tabs
3 PF, 3 PF RP
radial pins
CNA (AX)
axial leads
FL
flying leads... etc.


Numéro de pièce similaire - LS26500

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
logo
SAMYANG ELECTRONICS CO....
LS26 SAMYANG-LS26 Datasheet
931Kb / 2P
   SCHOTTKY BARRIE R RECTIFIER
logo
Power-One
LS2660-7R POWER-ONE-LS2660-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
logo
GOOD-ARK Electronics
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
   Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results

Description similaire - LS26500

FabricantNo de pièceFiches techniqueDescription
logo
saftbatteries
LS17500 SAFT-LS17500 Datasheet
459Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density A-size bobbin cell
LS14500EX SAFT-LS14500EX Datasheet
401Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS14500 SAFT-LS14500 Datasheet
381Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy density AA-size bobbin cell
LS33600C SAFT-LS33600C Datasheet
82Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy D-size bobbin cell
LS33600 SAFT-LS33600 Datasheet
472Kb / 2P
   3.6 V Primary lithium-thionyl chloride High energy
LSH14 SAFT-LSH14 Datasheet
108Kb / 2P
   3.6 V Primary lithium-thionyl chloride High power C-size spiral cell
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
   3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LS33600LM SAFT-LS33600LM Datasheet
56Kb / 2P
   3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
LS9V SAFT-LS9V Datasheet
908Kb / 2P
   Primary lithium-thionyl chloride High energy density Battery pack
LS33600 SAFT-LS33600_V01 Datasheet
385Kb / 2P
   Primary Li-SOCl2 cell High energy density 3.6 V D-size bobbin cell
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com