Moteur de recherche de fiches techniques de composants électroniques |
|
TLP785GBFC Fiches technique(PDF) 7 Page - Toshiba Semiconductor |
|
TLP785GBFC Fiches technique(HTML) 7 Page - Toshiba Semiconductor |
7 / 16 page TLP785,TLP785F 2012-02-20 7 3.6 Reel Specification [1] TLP785(TP6) / TLP785F(TP7) (1)Material: Plastic (2)Dimensions: The reel dimensions are as shown in Figure 4. Figure 4 Reel Forms 4. Packing Two reels of photocouplers are packed in a shipping carton. 5. Label Indication The carton bears a label indicating the product number, the symbol representing classification of standard, the quantity, the lot number and the Toshiba company name. 6. Ordering Information When placing an order, please specify the product number, the CTR rank, the tape type and the quantity as shown in the following example. (Example) TLP785(BL−TP6,F 4000pcs. Quantity (must be a multiple of 4000) [[G]]/RoHS COMPATIBLE Tape type CTR Rank Device name (Note): The order code may be suffixed with a letter or a digit. Please contact your nearest Toshiba sales representative for more details. W1 W2 4.0±0.5 2.0±0.5 Unit: mm TP6 Type TP7 Type W1 16.5typ 24.4typ W2 23max 30.4max |
Numéro de pièce similaire - TLP785GBFC |
|
Description similaire - TLP785GBFC |