Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCT244AFT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74VHCT244AFT
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT244AFT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74VHCT244AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCT244AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHCT240,244AF/AFT/AFK
2008-12-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHCT240AF,TC74VHCT240AFT,TC74VHCT240AFK
TC74VHCT244AF,TC74VHCT244AFT,TC74VHCT244AFK
Octal Bus Buffer
TC74VHCT240AF/AFT/AFK
Inverted, 3-State Outputs
TC74VHCT244AF/AFT/AFK
Non-Inverted, 3-State Outputs
The TC74VHCT240A and 244A are advanced high speed
CMOS OCTAL BUS BUFFERs fabricated with silicon gate
C2MOS technology. They achieve the high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining
the CMOS low power dissipation.
The TC74VHCT240A is an inverting 3-state buffer having two
active-low output enables. The TC74VHCT244A is a
non-inverting 3-state buffer, and has two active-low output
enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing
3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can
be applied to the input and output (Note) pins without regard to
the supply voltage. These structure prevents device destruction
due to mismatched supply and input/output voltages such as
battery back up, hot board insertion, etc.
Note:
Output in off-state
Features
• High speed: tpd = 6.1 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL inputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Power down protection is provided on all inputs and outputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low noise: VOLP = 1.0 V (max)
• Pin and function compatible with the 74 series
(74AC/HC/F/ALS/LS etc.) 240/244 type.
TC74VHCT240AF, TC74VHCT244AF
TC74VHCT240AFT, TC74VHCT244AFT
TC74VHCT240AFK, TC74VHCT244AFK
Weight
SOP20-P-300-1.27A:
0.22 g (typ.)
TSSOP20-P-0044-0.65A:
0.08 g (typ.)
VSSOP20-P-0030-0.50:
0.03 g (typ.)


Numéro de pièce similaire - TC74VHCT244AFT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT244AFT TOSHIBA-TC74VHCT244AFT Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT244AFT TOSHIBA-TC74VHCT244AFT Datasheet
221Kb / 9P
   Octal Bus Buffer
TC74VHCT244AFT TOSHIBA-TC74VHCT244AFT Datasheet
197Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC74VHCT244AFT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com