Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZU5.6DB2DG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce PZU5.6DB2DG
Description  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU5.6DB2DG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button PZU5.6DB2DG Datasheet HTML 2Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 3Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 4Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 5Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 6Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 7Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 8Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 9Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
6 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
Tj =25 °C (prior to surge)
Tj =25 °C
Fig 1.
Non-repetitive peak reverse power dissipation
as a function of pulse duration; maximum
values
Fig 2.
Forward current as a function of forward
voltage; typical values
Tj =25 °C to 150 °C
PZU2.7DB2 to PZU4.3DB2
PZU2.7DB2/DG to PZU4.3DB2/DG
Tj =25 °C to 150 °C
PZU4.7DB2 to PZU12DB2
PZU4.7DB2/DG to PZU12DB2/DG
Fig 3.
Temperature coefficient as a function of
working current; typical values
Fig 4.
Temperature coefficient as a function of
working current; typical values
006aab215
102
10
103
PZSM
(W)
1
tp (s)
10−4
10−2
10−3
VF (V)
0.6
1
0.8
mbg781
100
200
300
IF
(mA)
0
060
0
−2
−3
−1
20
40
IZ (mA)
SZ
(mV/K)
4.3
3.9
3.6
3.3
3.0
2.7
006aab216
020
16
10
0
−5
5
mgl274
48
12
IZ (mA)
SZ
(mV/K)
4.7
12
11
10
9.1
8.2
7.5
6.8
6.2
5.6
5.1


Numéro de pièce similaire - PZU5.6DB2DG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZU5.6DB2 NXP-PZU5.6DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU5.6DB2 NXP-PZU5.6DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU5.6DB2 NEXPERIA-PZU5.6DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU5.6DB2/DG NXP-PZU5.6DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU5.6DB2/DG NXP-PZU5.6DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
More results

Description similaire - PZU5.6DB2DG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com