Moteur de recherche de fiches techniques de composants électroniques |
|
SI7190DP-T1-GE3 Fiches technique(PDF) 5 Page - Vishay Siliconix |
|
SI7190DP-T1-GE3 Fiches technique(HTML) 5 Page - Vishay Siliconix |
5 / 9 page Document Number: 68985 S09-0997-Rev. B, 01-Jun-09 www.vishay.com 5 Vishay Siliconix Si7190DP New Product TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted * The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit. Current Derating* 0 4 8 12 16 20 24 0 255075 100 125 150 TC - Case Temperature (°C) Power, Junction-to-Case 0 30 60 90 120 0 25 50 75 100 125 150 TC - Case Temperature (°C) Power, Junction-to-Ambient 0.0 0.4 0.8 1.2 1.6 2.0 2.4 0 25 50 75 100 125 150 TA -Ambient Temperature (°C) |
Numéro de pièce similaire - SI7190DP-T1-GE3 |
|
Description similaire - SI7190DP-T1-GE3 |