Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM035N5-00 Datasheet(Fiches technique) 1 Page - Alpha Industries

Numéro de pièce AM035N5-00
Description  32-37 GHz GaAs MMIC Ring Hybrid Mixer
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ALPHA [Alpha Industries]
Site Internet  http://www.alphaind.com
Logo 

AM035N5-00 Datasheet(HTML) 1 Page - Alpha Industries

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 2/00A
32–37 GHz GaAs MMIC
Ring Hybrid Mixer
Features
I Low Conversion Loss, 6.0 dB
I Low LO Power Requirement, 9 dBm
I High LO to RF Isolation, 28 dB
I No DC Bias Required
Description
Alpha’s ring hybrid GaAs Schottky diode mixer has a
typical conversion loss of 6.0 dB at an LO power level as
low as 9 dBm over the band 32–37 GHz. The chip uses
Alpha’s proven Schottky diode technology, and is based
upon MBE layers for the highest uniformity and
repeatability. The diodes employ surface passivation to
ensure a rugged, reliable part with through-substrate via
holes and gold-based backside metallization to facilitate
an epoxy die attach process. All chips are screened for
DC diode parameters and lot samples are RF measured
to guarantee performance.
Dimensions indicated in mm.
All pads are
≥ 0.07 mm wide.
Chip thickness = 0.1 mm.
Chip Outline
Parameter
Symbol
Min.
Typ.2
Max.
Unit
RF and LO Frequency Range
FRF, FLO
32–37
GHz
IF Frequency Range
FIF
0–3
GHz
LO Power Level
PLO
9–19
dBm
Conversion Loss1
LC
6dB
RF and LO Return Loss1
RLRF, RLLO
9dB
LO to RF Isolation1
ISOLO-RF
28
dB
LO to IF Isolation1
ISOLO-IF
35
dB
RF Input 1 dB Compression Point1
P1 dB
10
dBm
Individual Diode Series Resistance
RS
4.0
Electrical Specifications at 25°C
0.000
0.541
2.800
2.027
2.471
Absolute Maximum Ratings
Characteristic
Value
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Total Input Power (RF + LO)
20 dBm
AM035N5-00
1. Not measured on a 100% basis.
2. Typical represents the median parameter value across the specified
frequency range for the median chip.


Html Pages

1  2 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
AM035N4-0032-37 GHz GaAs MMIC Ring Hybrid Mixer 1 2 Alpha Industries
AM028R1-0026-33 GHz GaAs MMIC Image Rejection Balanced Mixer 1 2 Alpha Industries
HMC203GaAs MMIC DOUBLE-BALANCED MIXER 14 - 23 GHz 1 2 3 4 Hittite Microwave Corporation
HMC256GaAs MMIC I/Q MIXER 5.9 - 12 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC527GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC556GaAs MMIC I/Q MIXER 36 - 41 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AM028S1-0026-33 GHz GaAs MMIC Single Balanced Down Converter Mixer 1 2 Alpha Industries
HMC258GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 14 - 21 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC332GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 2.0 - 2.8 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn