Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HCT373 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74HCT373
Description  Octal D-type transparent latch; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT373 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT373 Datasheet HTML 5Page - NXP Semiconductors 74HCT373 Datasheet HTML 6Page - NXP Semiconductors 74HCT373 Datasheet HTML 7Page - NXP Semiconductors 74HCT373 Datasheet HTML 8Page - NXP Semiconductors 74HCT373 Datasheet HTML 9Page - NXP Semiconductors 74HCT373 Datasheet HTML 10Page - NXP Semiconductors 74HCT373 Datasheet HTML 11Page - NXP Semiconductors 74HCT373 Datasheet HTML 12Page - NXP Semiconductors 74HCT373 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74HC_HCT373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
9 of 26
NXP Semiconductors
74HC373; 74HCT373
Octal D-type transparent latch; 3-state
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 6.0 A; VCC =4.5 V
3.84
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =6.0 mA; VCC =4.5 V
-
-
0.33
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0 A
--
5.0
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
80
A
I
CC
additional supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
Dn
-
-
135
A
LE
-
-
675
A
OE
--
450
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = 20 A; VCC = 4.5 V
4.4
-
-
V
IO = 6.0 mA; VCC = 4.5 V
3.7
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 A; VCC = 4.5 V
-
-
0.1
V
IO =6.0 mA; VCC =4.5 V
-
-
0.4
V
II
input leakage current
VI =VCC or GND; VCC =5.5 V
-
-
1.0
A
IOZ
OFF-state output current
VI =VIH or VIL; VCC =5.5 V;
VO =VCC or GND per input pin;
other inputs at VCC or GND; IO =0 A
--
10
A
ICC
supply current
VI =VCC or GND; IO =0A;
VCC =5.5 V
--
160
A
I
CC
additional supply current
VI =VCC  2.1 V;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
Dn
-
-
147
A
LE
-
-
735
A
OE
--
490
A
Table 7.
Static characteristics 74HCT373 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74HCT373

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HCT373 PHILIPS-74HCT373 Datasheet
56Kb / 8P
   Octal D-type transparent latch; 3-state
September 1993
logo
List of Unclassifed Man...
74HCT373 ETC1-74HCT373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
Silicon Supplies
74HCT373 SS-74HCT373 Datasheet
758Kb / 7P
   High Speed CMOS TTL Input
logo
Nexperia B.V. All right...
74HCT373 NEXPERIA-74HCT373 Datasheet
282Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 6 September 2021
logo
NXP Semiconductors
74HCT373-Q100 NXP-74HCT373-Q100 Datasheet
179Kb / 24P
   Octal D-type transparent latch; 3-state
Rev. 1-10 August 2012
More results

Description similaire - 74HCT373

FabricantNo de pièceFiches techniqueDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com