Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA3830F-E2 Fiches technique(PDF) 2 Page - Rohm

No de pièce BA3830F-E2
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA3830F-E2 Fiches technique(HTML) 2 Page - Rohm

  BA3830F-E2 Datasheet HTML 1Page - Rohm BA3830F-E2 Datasheet HTML 2Page - Rohm BA3830F-E2 Datasheet HTML 3Page - Rohm BA3830F-E2 Datasheet HTML 4Page - Rohm BA3830F-E2 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
REV. B
Electrical Characteristics
Unless specified particularly, Ta=25℃,V
CC=5V,RL=10MΩ, Rφ1=270kΩ, Rφ2=270kΩ)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Quiescent current
I
Q
3.8
5.2
mA
Reference output level(LEVEL)
V
ol
-3
0
3
dB
V
IN=-30dBV、VO=1.5V(0dB)
When f=center frequencies is input
Max. output level(LEVEL)
V
olMax
3.2
4.2
V
V
IN=-14dBV,
When f=center frequencies is input
Reference output level(REC LEVEL)
V
or
-3
0
3
dB
V
IN=-30dBV、VO=1.5V(0dB)
f=1kHz
Max. output level(REC LEVEL)
V
orMax
3.8
4.8
V
V
IN=-14dBV、f=1kHz
Output offset voltage
V
off
30
90
mV
With no signal
Center frequency 1
fo1
49
63
77
Hz
V
IN=-30dBV
Center frequency 2
fo2
117
150
183
Hz
V
IN=-30dBV
Center frequency 3
fo3
257
330
403
Hz
V
IN=-30dBV
Center frequency 4
fo4
0.78
1
1.22
kHz
V
IN=-30dBV
Center frequency 5
fo5
2.55
3.3
4.03
kHz
V
IN=-30dBV
Center frequency 6
fo6
7.8
10
12.2
kHz
V
IN=-30dBV
Input current when Reset
pin is HIGH
I
IN
150
215
280
μA
V
th=5V
Threshold level when Reset
pin is ON
V
th
1.4
1.8
V
Threshold level when Reset
pin is OFF
V
th
1.0
1.4
V
※Q is set to 4.5.
◎ Not designed for radiation resistance.
Outline Dimension
SOP18 (Unit:mm)
BA3830F
LOT No.


Numéro de pièce similaire - BA3830F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA3830F ROHM-BA3830F Datasheet
174Kb / 6P
   Band-pass filter for spectrum analyzer for car audio systems
BA3830F ROHM-BA3830F Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
BA3830F ROHM-BA3830F_11 Datasheet
133Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Description similaire - BA3830F-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com