Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLA7044M Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce SLA7044M
Description  MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7044M Fiches technique(HTML) 5 Page - Allegro MicroSystems

  SLA7044M Datasheet HTML 1Page - Allegro MicroSystems SLA7044M Datasheet HTML 2Page - Allegro MicroSystems SLA7044M Datasheet HTML 3Page - Allegro MicroSystems SLA7044M Datasheet HTML 4Page - Allegro MicroSystems SLA7044M Datasheet HTML 5Page - Allegro MicroSystems SLA7044M Datasheet HTML 6Page - Allegro MicroSystems SLA7044M Datasheet HTML 7Page - Allegro MicroSystems SLA7044M Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FIGURE 2. PWM CONTROL (RUN MODE)
Dwg. EK-011
R1
V
V b
CONTROL
LOGIC
S
V
BB
DD
DRIVE
R 2
R
AA
B
B
REF/EN
V
PWM
OFF-TIME
CONTROL
SENSE
SERIAL DATA
D/A
Ø
TO CHANNEL B
ENABLE
DATA
SERIAL DATA INPUT ENABLE
In a minimum-component application, a voltage divider
provides V
REF/EN and an npn transistor provides the
required pull-down to enable the serial data input as
shown in Figure 2.
I
OUT max
R
2
V
b
R
1
+ R
2
3 • R
S
µP STEPPER MOTOR CONTROL
Alternative REFERENCE/ENABLE input configura-
tions provide for more complete motor control. A tri-state
logic element and a voltage divider allows a fixed refer-
ence voltage, with both output disable and data enable
functions. Complete
µP control is usually accomplished
with a D/A converter as shown in Figure 3. Here, digital
control provides an output disable (>V
DD - 1 V), VREF, and
V
EN (<2.5 V).
SLA7042M AND SLA7044M
MICROSTEPPING,
UNIPOLAR PWM, HIGH-CURRENT
MOTOR CONTROLLER/DRIVERS
Dwg. WK-001
PHASE A
PHASE A
0
I
OUT
REGULATING THE PWM OUTPUT CURRENT
The output current (and motor coil current) waveform
is illustrated in Figure 1. Setting the maximum PWM
current trip point to meet the specified full-step running
current for the motor, I
OUT max (DATA input = 111X =
100% ratio), requires only a current-sensing resistor, R
S,
and an input reference voltage, V
REF/EN, between 0.4 V
and 2.5 V.
I
OUT max
V
REF/EN
3 • R
S
FIGURE 1. PHASE A COIL CURRENT WAVEFORM


Numéro de pièce similaire - SLA7044M

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SLA7044M SANKEN-SLA7044M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7044M SANKEN-SLA7044M Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
More results

Description similaire - SLA7044M

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SLA7024M ALLEGRO-SLA7024M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
logo
Sanken electric
SI-7321M SANKEN-SI-7321M Datasheet
238Kb / 19P
   Unipolar 2-Phase Microstepping Motor Driver IC
logo
Allegro MicroSystems
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
   Full-Bridge PWM Microstepping Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
   Unipolar PWM Stepper Motor Driver
MTD2525J SHINDENGEN-MTD2525J Datasheet
137Kb / 7P
   DMOS Microstepping Dual PWM Motor Driver
logo
Allegro MicroSystems
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A4975 ALLEGRO-A4975 Datasheet
321Kb / 13P
   Full-Bridge PWM Microstepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com