Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS61001 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TS61001
Description  High Efficiency Receiver Controller for Wireless Power Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS61001 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TS61001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS61001 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
- 1 -
TS81000
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
TYPICAL APPLICATION
Load
Receiver
TS81000
+
TS51111
Transmitter
TS80001
+
TS61001
DC
Supply
DESCRIPTION
The TS81000 is a power receiver communications
and control unit for wireless charging applications.
The TS81000 can support systems up to 40W+, and
supports
Qi®
compliant
and
proprietary
applications.
The TS81000 performs the necessary coding of
packets to send commands to the transmitter to
adjust the power level accordingly.
APPLICATIONS
 Qi® compliant and non-compliant wireless
chargers for:
o
Cell Phones and Smartphones
o
GPS Devices
o
Digital Cameras
o
Tablets and eReaders
o
Portable Lighting
o
Toys
FEATURES
Supports
Qi®
and
proprietary
charging
applications
Wireless power systems up to 40W+
Support for fixed frequency, variable frequency and
variable duty cycle architectures
Supports indirect (fixed voltage) and multi-cell
battery charging applications (>3.15V)
Integrated
controller
and
FLASH
for
communications and control
High precision data converters
Low external component count
Available in 20 pin 3x3 QFN
SPECIFICATIONS
8-bit CPU Core, 16 MHz
8kBytes Flash, 1kByte SRAM
10-bit, A/D converter (5 channels)
Two 16-bit timers, advanced control and general
purpose
8-bit timer
Auto-wakeup and watchdog timers
8 configurable analog general purpose IOs
Charging LED output
I2C interface
SPI interface
2.95 to 5.5 V operating voltage
High Efficiency Receiver Controller for Wireless Power Systems


Numéro de pièce similaire - TS61001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
TS61001-QFNR SEMTECH-TS61001-QFNR Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

Description similaire - TS61001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Semtech Corporation
TS51221 SEMTECH-TS51221 Datasheet
1Mb / 18P
   High Efficiency Regulator IC for Wireless Power Receiver Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com