Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM340SX-12 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM340SX-12
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM340SX-12 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM340SX-12 Datasheet HTML 6Page - Texas Instruments LM340SX-12 Datasheet HTML 7Page - Texas Instruments LM340SX-12 Datasheet HTML 8Page - Texas Instruments LM340SX-12 Datasheet HTML 9Page - Texas Instruments LM340SX-12 Datasheet HTML 10Page - Texas Instruments LM340SX-12 Datasheet HTML 11Page - Texas Instruments LM340SX-12 Datasheet HTML 12Page - Texas Instruments LM340SX-12 Datasheet HTML 13Page - Texas Instruments LM340SX-12 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM340-N, LM78xx
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Line Regulation
Line Regulation
140AK-5.0, IOUT = 1A, TA = 25°C
140AK-5.0, VIN = 10V, TA = 25°C
Figure 19.
Figure 20.
Equivalent Schematic
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM340-N LM78xx


Numéro de pièce similaire - LM340SX-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM340SX-12 NSC-LM340SX-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340SX-12 TI1-LM340SX-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340SX-12 TI-LM340SX-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Description similaire - LM340SX-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com