Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM340-N Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM340-N
Description  LM340-N/LM78XX Series 3-Terminal Positive Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM340-N Fiches technique(HTML) 5 Page - Texas Instruments

  LM340-N Datasheet HTML 1Page - Texas Instruments LM340-N Datasheet HTML 2Page - Texas Instruments LM340-N Datasheet HTML 3Page - Texas Instruments LM340-N Datasheet HTML 4Page - Texas Instruments LM340-N Datasheet HTML 5Page - Texas Instruments LM340-N Datasheet HTML 6Page - Texas Instruments LM340-N Datasheet HTML 7Page - Texas Instruments LM340-N Datasheet HTML 8Page - Texas Instruments LM340-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM340-N, LM78xx
www.ti.com
SNOSBT0I – FEBRUARY 2000 – REVISED MARCH 2013
LM140 Electrical Characteristics
(1)
−55°C ≤ TJ ≤ +150°C unless otherwise specified
Output Voltage
5V
12V
15V
Symb
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
ol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VO
Output Voltage
TJ = 25°C, 5 mA ≤ IO ≤ 1A
4.8
5
5.2
11.5
12
12.5
14.4
15
15.6
V
PD ≤ 15W, 5 mA ≤ IO ≤ 1A
4.75
5.25
11.4
12.6
14.25
15.75
V
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 20)
(15.5
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
ΔVO
Line
IO = 500
TJ = 25°C
3
50
4
120
4
150
mV
Regulation
mA
ΔVIN
(7
≤ VIN ≤ 25)
(14.5
≤ VIN ≤ 30)
(17.5
≤ VIN ≤ 30)
V
−55°C ≤ TJ
50
120
150
mV
+150°C
ΔVIN
(8
≤ VIN ≤ 20)
(15
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
IO ≤ 1A
TJ = 25°C
50
120
150
mV
ΔVIN
(7.5
≤ VIN ≤ 20)
(14.6
≤ VIN ≤ 27)
(17.7
≤ VIN ≤ 30)
V
−55°C ≤ TJ
25
60
75
mV
+150°C
ΔVIN
(8
≤ VIN ≤ 12)
(16
≤ VIN ≤ 22)
(20
≤ VIN ≤ 26)
V
ΔVO
Load
TJ =
5 mA
≤ IO
10
50
12
120
12
150
mV
Regulation
25°C
1.5A
250 mA
≤ IP
25
60
75
mV
750 mA
−55°C ≤ TJ ≤ +150°C,
50
120
150
mV
5 mA
≤ IO ≤ 1A
IQ
Quiescent
IO ≤ 1A
TJ = 25°C
6
6
6
mA
Current
−55°C ≤ TJ
7
7
7
mA
+150°C
ΔIQ
Quiescent
5 mA
≤ IO ≤ 1A
0.5
0.5
0.5
mA
Current
TJ = 25°C, IO ≤ 1A
0.8
0.8
0.8
mA
Change
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 20)
(15
≤ VIN ≤ 27)
(18.5
≤ VIN ≤ 30)
V
IO = 500 mA, −55°C ≤ TJ
0.8
0.8
0.8
mA
+150°C
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 25)
(15
≤ VIN ≤ 30)
(18.5
≤ VIN ≤ 30)
V
VN
Output Noise
TA = 25°C, 10 Hz ≤ f ≤ 100
40
75
90
μV
Voltage
kHz
Ripple
f = 120
IO ≤ 1A, TJ =
68
80
61
72
60
70
dB
Rejection
Hz
25°C or
IO ≤ 500 mA,
68
61
60
dB
−55°C ≤ TJ
≤+150°C
VMIN ≤ VIN ≤ VMAX
(8
≤ VIN ≤ 18)
(15
≤ VIN ≤ 25)
(18.5
≤ VIN ≤ 28.5)
V
RO
Dropout
TJ = 25°C, IO = 1A
2.0
2.0
2.0
V
Voltage
Output
f = 1 kHz
8
18
19
m
Ω
Resistance
Short-Circuit
TJ = 25°C
2.1
1.5
1.2
A
Current
Peak Output
TJ = 25°C
2.4
2.4
2.4
A
Current
Average TC of
0°C
≤ TJ ≤ +150°C, IO = 5
−0.6
−1.5
−1.8
mV/°C
VOUT
mA
(1)
All characteristics are measured with a 0.22
μF capacitor from input to ground and a 0.1 μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM340-N LM78xx


Numéro de pièce similaire - LM340-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
More results

Description similaire - LM340-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com