Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

8186 Fiches technique(PDF) 4 Page - Allegro MicroSystems

No de pièce 8186
Description  LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8186 Fiches technique(HTML) 4 Page - Allegro MicroSystems

  8186 Datasheet HTML 1Page - Allegro MicroSystems 8186 Datasheet HTML 2Page - Allegro MicroSystems 8186 Datasheet HTML 3Page - Allegro MicroSystems 8186 Datasheet HTML 4Page - Allegro MicroSystems 8186 Datasheet HTML 5Page - Allegro MicroSystems 8186 Datasheet HTML 6Page - Allegro MicroSystems 8186 Datasheet HTML 7Page - Allegro MicroSystems 8186 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8186
LOW-DROPOUT,
3.3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
TYPICAL CHARACTERISTICS
LOAD REGULATION
LINE REGULATION
0
OUTPUT CURRENT in mA
Dwg. GP-052-6
25
50
100
150
75
T = -20
°C
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
125
V = 8 V
I
V = 4 V
I
V = 6 V
I
2.0
Dwg. GP-053-6
3.0
4.0
6.0
8.0
5.0
T = -20
°C
50 mA INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
I
= 0 mA
O
I
= 100 mA
O
INPUT VOLTAGE in VOLTS
7.0
0
OUTPUT CURRENT in mA
Dwg. GP-052-7
25
50
100
150
75
T = 25
°C
2 V INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
125
V = 4 V
I
V = 8 V
I
2.0
Dwg. GP-053-7
3.0
4.0
6.0
8.0
5.0
T = 25
°C
50 mA INTERVALS
A
3.34
3.30
3.32
3.28
3.26
3.24
3.36
3.22
I
= 0 mA
O
INPUT VOLTAGE in VOLTS
7.0
I
= 100 mA
O
CAUTION:
Maximum allowable duty cycle will be significantly less than 100% at high temperatures, at high input voltages, or at high output currents.
See Maximum Allowable Output Current table.


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8181 LOW-DROPOUT 5 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8182 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8183 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8184 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator 1  2  3  4  5  More National Semiconductor (TI)
8188 LOW-DROPOUT REGULATORS . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SP6682 High Efficiency Charge Pump Regulator for White LEDs 1  2  3  4  5  More Sipex Corporation
LM9073 Dual High Current Low-Dropout System Regulator 1  2  3  4  5  More National Semiconductor (TI)
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn