Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

8186 Fiches technique(PDF) 1 Page - Allegro MicroSystems

No de pièce 8186
Description  LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8186 Fiches technique(HTML) 1 Page - Allegro MicroSystems

  8186 Datasheet HTML 1Page - Allegro MicroSystems 8186 Datasheet HTML 2Page - Allegro MicroSystems 8186 Datasheet HTML 3Page - Allegro MicroSystems 8186 Datasheet HTML 4Page - Allegro MicroSystems 8186 Datasheet HTML 5Page - Allegro MicroSystems 8186 Datasheet HTML 6Page - Allegro MicroSystems 8186 Datasheet HTML 7Page - Allegro MicroSystems 8186 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8186
LOW-DROPOUT,
3.3 V REGULATOR
DISCONTINUED
PRODUCT
FOR
REFERENCE
ONL
Y
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular
telephones, the A8186SLU voltage regulator offers the reduced dropout
voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants, the
device delivers a regulated, continuous 3.3 V output at up to 75 mA
under normal operating conditions, or to 150 mA (transient) under
worst-case conditions.
A PMOS pass element provides a typical dropout voltage of only
85 mV at 60 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Furthermore,
quiescent current does not increase as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where
data integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference. An ENABLE input
gives the designer complete control over power up, standby, or power
down.
This device is supplied in a 6-lead small-outline plastic package
(similar to the SOT-89/TO-243AA) for surface-mount applications. The
A8186SLU is rated for operation over a temperature range of -20
°C to
+85
°C.
FEATURES AND BENEFITS
s High Efficiency Provides Extended Battery Life
s 85 mV Typical Dropout Voltage at I
O = 60 mA
s 45
µA Typical Quiescent Current at V
I = 6 V
Less Than 1
µA “Sleep” Current
s Up to 150 mA Output Current
s CMOS-Compatible ON/OFF Control
For Power-Up, Standby, or Shutdown
s Internal Thermal Protection
s Surface-Mount Package
APPLICATIONS
s Cordless and Cellular Telephones
s Personal Data Assistants
s Personal Communicators
s Palmtop Computers
8186
LOW-DROPOUT, 3.3 V REGULATOR
— HIGH EFFICIENCY
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . .
10 V
Output Current, I
O . . . . . . . . .
150 mA*
Enable Input Voltage, V
E . . . . . . . . . .
V
I
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . .
+150
°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input voltage,
duty cycle, and ambient temperature. Under
any set of conditions, do not exceed a junction
temperature of +150
°C. See next page.
† Fault conditions that produce excessive junction
temperature will activate device thermal
shutdown circuitry. These conditions can be
tolerated but should be avoided.
Always order by complete part number:
A8186SLU
.
PRELIMINARY INFORMATION
(subject to change without notice)
January 12, 1995
Dwg. PS-021-1
VR
2
3
1
6
4
SUB
5
SUB


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
8187 LOW-DROPOUT 3.3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8181 LOW-DROPOUT 5 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8182 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8183 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
8184 LOW-DROPOUT 3 V REGULATOR . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator 1  2  3  4  5  More National Semiconductor (TI)
8188 LOW-DROPOUT REGULATORS . HIGH EFFICIENCY 1  2  3  4  5  More Allegro MicroSystems
SP6682 High Efficiency Charge Pump Regulator for White LEDs 1  2  3  4  5  More Sipex Corporation
LM9073 Dual High Current Low-Dropout System Regulator 1  2  3  4  5  More National Semiconductor (TI)
LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn