Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3445 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3445
Description  Triac Dimmable Offline LED Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM3445 Fiches technique(HTML) 4 Page - Texas Instruments

  LM3445 Datasheet HTML 1Page - Texas Instruments LM3445 Datasheet HTML 2Page - Texas Instruments LM3445 Datasheet HTML 3Page - Texas Instruments LM3445 Datasheet HTML 4Page - Texas Instruments LM3445 Datasheet HTML 5Page - Texas Instruments LM3445 Datasheet HTML 6Page - Texas Instruments LM3445 Datasheet HTML 7Page - Texas Instruments LM3445 Datasheet HTML 8Page - Texas Instruments LM3445 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating Temperature
Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = +25ºC, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
INTERNAL PWM RAMP
fRAMP
Frequency
5.85
kHz
VRAMP
Valley voltage
0.96
1.00
1.04
V
Peak voltage
2.85
3.00
3.08
DRAMP
Maximum duty cycle
96.5
98.0
%
DIM DECODER
tANG_DET
Angle detect rising threshold
Observed on BLDR pin
6.79
7.21
7.81
V
VASNS
ASNS filter delay
4
µs
ASNS VMAX
3.85
4.00
4.15
V
IASNS
ASNS drive capability sink
VASNS = 2V
7.6
mA
ASNS drive capability source
VASNS = 2V
-4.3
DIM low sink current
VDIM = 1V
1.65
2.80
DIM High source current
VDIM = 4V
-4.00
-3.00
VDIM
DIM low voltage
PWM input voltage
0.9
1.33
V
threshold
DIM high voltage
2.33
3.15
VTSTH
Tri-state threshold voltage
Apply to FLTR1 pin
4.87
5.25
V
RDIM
DIM comparator tri-state impedance
10
M
CURRENT SENSE COMPARATOR
VFLTR2
FLTR2 open circuit voltage
720
750
780
mV
RFLTR2
FLTR2 impedance
420
k
VOS
Current sense comparator offset voltage
-4.0
0.1
4.0
mV
GATE DRIVE OUTPUT
VDRVH
GATE high saturation
IGATE = 50 mA
0.24
0.50
V
VDRVL
GATE low saturation
IGATE = 100 mA
0.22
0.50
IDRV
Peak souce current
GATE = VCC/2
-0.77
A
Peak sink current
GATE = VCC/2
0.88
tDV
Rise time
Cload = 1 nF
15
ns
Fall time
Cload = 1 nF
15
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
See (1)
165
°C
Thermal shutdown hysteresis
20
THERMAL SHUTDOWN
RθJA
VSSOP-10 junction to ambient
121
°C/W
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation
and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient
temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as
given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445


Numéro de pièce similaire - LM3445

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445 Datasheet
2Mb / 18P
   230VAC, 6W- 15W Isolated Flyback LED Driver Solid State Lighting
LM3445 NSC-LM3445 Datasheet
825Kb / 10P
   A19 Edison Retrofit Evaluation Board Can drive up to 18 series LEDs
logo
Texas Instruments
LM3445 TI1-LM3445 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results

Description similaire - LM3445

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
   HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com