Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7622BSTZ-RL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADV7622BSTZ-RL
Description  HDMI Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7622BSTZ-RL Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADV7622BSTZ-RL Datasheet HTML 7Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 8Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 9Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 10Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 11Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 12Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 13Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 14Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADV7622
Rev. D | Page 11 of 16
Pin No.
Mnemonic
Type
Description
56
TX2−
HDMI output
Differential Output Channel 2 Complement. Differential output of the red data at 10×
the pixel clock rate; supports TMDS logic level.
57
TX2+
HDMI output
Differential Output Channel 2 True. Differential output of the red data at 10× the pixel clock
rate; supports TMDS logic level.
58
TXGND
Ground
TXAVDD Ground.
59
CEC
Digital I/O
Consumer Electronics Control Channel (5 V Tolerant).
60
DGND
Ground
DVDD Ground.
61
DVDD
Power
Digital Supply Voltage (1.8 V).
62
ALSB
Digital input
This pin is used to set the I2C address of the Rx IO and the Tx main map.
63
CS
Digital input
Chip Select Pin. This pin must be set low or left floating for the chip to process I2C messages
that are destined for the ADV7622. The ADV7622 ignores I2C messages that it receives if this
pin is high.
64
EP_SCK
Digital output
SPI Clock Interface for the EDID.
65
EP_CS
Digital output
SPI Chip Selected Interface for the EDID.
66
EP_MOSI
Digital output
SPI Master Out/Slave In for the EDID.
67
EP_MISO
Digital input
SPI Master In/Slave Out for the EDID.
68
MCLK_IN
Digital input
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set to 128 × sampling frequency (fS),
256 × fS, 384 × fS, or 512 × fS. It supports CMOS logic levels from 1.8 V to 3.3 V.
69
SCLK_IN
Digital input
I2S Audio Clock. It supports CMOS logic levels from 1.8 V to 3.3 V.
70
AP5_IN
Digital input
Audio Input Port 5. It supports CMOS logic levels from 1.8 V to 3.3 V.
71
AP4_IN
Digital input
Audio Input Port 4. It supports CMOS logic levels from 1.8 V to 3.3 V.
72
DGNDIO
Ground
DVDDIO Ground.
73
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
74
AP3_IN
Digital input
Audio Input Port 3. It supports CMOS logic levels from 1.8 V to 3.3 V.
75
AP2_IN
Digital input
Audio Input Port 2. It supports CMOS logic levels from 1.8 V to 3.3 V.
76
AP1_IN
Digital input
Audio Input Port 1. It supports CMOS logic levels from 1.8 V to 3.3 V.
77
AP0_IN
Digital input
Audio Input Port 0. It supports CMOS logic levels from 1.8 V to 3.3 V.
78
SDATA
Digital I/O
I2C Port Serial Data Input/Output Pin. SDATA is the data line for the control port.
79
SCL
Digital input
I2C Port Serial Clock Input. SCL is the clock line for the control port.
80
DGND
Ground
DVDD Ground.
81
DVDD
Power
Digital Supply Voltage (1.8 V).
82
INT1
(AMUTE1)
Digital output
Interrupt Pin. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user control. This pin can also
output an audio mute signal.
83
INT2
(AMUTE2)
Digital output
Interrupt Pin. This pin can be active low or active high. When status bits change, this pin is
triggered. The events that trigger an interrupt are under user control. This pin can also
output an audio mute signal.
84
INT_TX
Digital output
Interrupt; Open Drain. A 2 kΩ pull-up resistor to the microcontroller I/O supply is recommended.
85
DGNDIO
Ground
DVDDIO Ground.
86
DVDDIO
Power
Digital I/O Supply Voltage (3.3 V).
87
AP0_OUT
Digital output
Audio Output Port 0.
88
AP1_OUT
Digital output
Audio Output Port 1.
89
AP2_OUT
Digital output
Audio Output Port 2.
90
AP3_OUT
Digital output
Audio Output Port 3.
91
AP4_OUT
Digital output
Audio Output Port 4.
92
DGND
Ground
Ground for DVDD.
93
DVDD
Power
Digital Supply Voltage (1.8 V).
94
AP5_OUT
Digital output
Audio Output Port 5.
95
SCLK_OUT
Digital output
Audio Serial Clock Output.
96
MCLK_OUT
Digital output
Audio Master Clock Output.
97
RESET
Digital input
System Reset Input. Active low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7622 circuitry.
98
PWRDN
Digital input
Active Low Power-Down Pin. If used, this pin should be pulled high to power up the ADV7622.
This pin can also be used as an in-system power detect where internal EDID can be powered
from a 5 V signal of the HDMI port when it is connected to active equipment.


Numéro de pièce similaire - ADV7622BSTZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P-RL AD-ADV7623BSTZ-P-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-RL AD-ADV7623BSTZ-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
More results

Description similaire - ADV7622BSTZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
logo
Advantech Co., Ltd.
VEGA-1000 ADVANTECH-VEGA-1000 Datasheet
308Kb / 2P
   Bi-directional HDMI 2.0 Transceiver Extender
8-Dec-2022
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
   48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
   3 GHz HDMI 5:2 Crosspoint Transceiver
ADV7626 AD-ADV7626 Datasheet
386Kb / 24P
   3 GHz HDMI 2:2 Crosspoint Transceiver
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
   40 Gbps HDMI 2:2 Crosspoint Transceiver
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com