Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7622BSTZ-RL Fiches technique(PDF) 9 Page - Analog Devices |
|
ADV7622BSTZ-RL Fiches technique(HTML) 9 Page - Analog Devices |
9 / 16 page Data Sheet ADV7622 Rev. D | Page 9 of 16 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS ADV7622 TOP VIEW (Not to Scale) PIN 1 1 DDCC_SCL 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 73 DVDDIO 74 AP3_IN 75 AP2_IN 76 AP1_IN 77 AP0_IN 78 SDATA 79 SCL 80 DGND 81 DVDD 82 INT1 83 INT2 84 INT_TX 85 DGNDIO 86 DVDDIO 87 AP0_OUT 88 AP1_OUT 89 AP2_OUT 90 AP3_OUT 91 AP4_OUT 92 DGND 93 DVDD 94 AP5_OUT 95 SCLK_OUT 96 MCLK_OUT 97 RESET 98 PWRDN 99 PGND 100 PVDD 101 XTAL 102 XTAL1 103 PVDD 104 PGND 105 HP_CTRLA 106 5V_DETA 107 RTERM 108 DDCA_SDA CVDD CGND RXC_C– RXC_C+ TVDD RXC_0– RXC_0+ CGND RXC_1– RXC_1+ TVDD RXC_2– RXC_2+ HP_CTRLD 5V_DETD DGND DVDD DDCD_SDA DDCD_SCL CVDD CGND RXD_C– RXD_C+ TVDD RXD_0– RXD_0+ CGND RXD_1– RXD_1+ TVDD RXD_2– RXD_2+ CVDD CGND TXPVDD Figure 5. Pin Configuration Table 5. Pin Function Descriptions Pin No. Mnemonic Type Description 1 DDCC_SCL Digital input HDCP Slave Serial Clock Port C. DDCC_SCL is a 3.3 V input that is 5 V tolerant. 2 CVDD Power Receiver Comparator Supply Voltage (1.8 V). 3 CGND Ground TVDD and CVDD Ground. 4 RXC_C− HDMI input Digital Input Clock Complement of Port C in the HDMI Interface. 5 RXC_C+ HDMI input Digital Input Clock True of Port C in the HDMI Interface. 6 TVDD Power Receiver Terminator Supply Voltage (3.3 V). 7 RXC_0− HDMI input Digital Input Channel 0 Complement of Port C in the HDMI Interface. 8 RXC_0+ HDMI input Digital Input Channel 0 True of Port C in the HDMI Interface. 9 CGND Ground TVDD and CVDD Ground. 10 RXC_1− HDMI input Digital Input Channel 1 Complement of Port C in the HDMI Interface. 11 RXC_1+ HDMI input Digital Input Channel 1 True of Port C in the HDMI Interface. 12 TVDD Power Receiver Terminator Supply Voltage (3.3 V). |
Numéro de pièce similaire - ADV7622BSTZ-RL |
|
Description similaire - ADV7622BSTZ-RL |