Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7622BSTZ-RL Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADV7622BSTZ-RL
Description  HDMI Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7622BSTZ-RL Fiches technique(HTML) 4 Page - Analog Devices

  ADV7622BSTZ-RL Datasheet HTML 1Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 2Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 3Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 4Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 5Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 6Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 7Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 8Page - Analog Devices ADV7622BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADV7622
Data Sheet
Rev. D | Page 4 of 16
SPECIFICATIONS
CVDD = 1.8 V ± 5%, DVDD = 1.8 V ± 5%, DVDDIO = 3.3 V ± 5%, PVDD = 1.8 V ± 5%, TVDD = 3.3 V ± 5%, TXAVDD = 1.8 V ± 5%,
TXPVDD = 1.8 V ± 5%, TXPLVDD = 1.8 V ± 5%, TMIN to TMAX = 0°C to 70°C.
DIGITAL, HDMI, AND AC SPECIFICATIONS
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUTS
Input High Voltage (VIH)
2
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
RESET, EP_MISO, ALSB, and CS pins
−60
+60
µA
Other digital inputs
−10
+10
µA
Input Capacitance (CIN)
10
pF
DIGITAL INPUTS (5 V TOLERANT)1
Input High Voltage (VIH)
2.6
V
Input Low Voltage (VIL)
0.8
V
Input Current (IIN)
−82
+82
µA
DIGITAL OUTPUTS
Output High Voltage (VOH)
2.4
V
Output Low Voltage (VOL)
0.4
V
High Impedance Leakage Current (ILEAK)
10
µA
Output Capacitance (COUT)
20
pF
HDMI
TMDS Differential Pin Capacitance
0.3
pF
AC SPECIFICATIONS
Input Specifications
Intrapair (+ to −) Differential Input Skew for
TMDS Clock Rates up to 222.75 MHz
0.4 tBIT
ps
Intrapair (+ to −) Differential Input Skew for
TMDS Clock Rates Above 222.75 MHz
0.15 tBIT + 112
ps
Channel-to-Channel Differential Input Skew
0.2 tPIXEL + 1.78
ns
TMDS Input Clock Range
25
225
MHz
TMDS Input Clock Jitter Tolerance
0.5
0.25
tBIT
Output Specifications
TMDS Output Clock Frequency
20
225
MHz
TMDS Output Clock Duty Cycle
48
52
%
TMDS Output Differential Swing
900
1100
1200
mV
Differential Output Timing
Low-to-High Transition Time
75
175
ps
High-to-Low Transition Time
75
175
ps
1
The following pins are 5 V tolerant: DDCA_SCL, DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL, DDCD_SDA, TXDDC_SDA, TXDDC_SCL,
HP_CTRLA, HP_CTRLB, HP_CTRLC, HP_CTRLD, HPD_ARC−, 5V_DETA, 5V_DETB, 5V_DETC, 5V_DETD, PWRDN, CEC, ARC+.


Numéro de pièce similaire - ADV7622BSTZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P-RL AD-ADV7623BSTZ-P-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-RL AD-ADV7623BSTZ-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
More results

Description similaire - ADV7622BSTZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
logo
Advantech Co., Ltd.
VEGA-1000 ADVANTECH-VEGA-1000 Datasheet
308Kb / 2P
   Bi-directional HDMI 2.0 Transceiver Extender
8-Dec-2022
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
   48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
   3 GHz HDMI 5:2 Crosspoint Transceiver
ADV7626 AD-ADV7626 Datasheet
386Kb / 24P
   3 GHz HDMI 2:2 Crosspoint Transceiver
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
   40 Gbps HDMI 2:2 Crosspoint Transceiver
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com