Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0817CCN Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce ADC0817CCN
Description  ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADC0817CCN Fiches technique(HTML) 5 Page - Texas Instruments

  ADC0817CCN Datasheet HTML 1Page - Texas Instruments ADC0817CCN Datasheet HTML 2Page - Texas Instruments ADC0817CCN Datasheet HTML 3Page - Texas Instruments ADC0817CCN Datasheet HTML 4Page - Texas Instruments ADC0817CCN Datasheet HTML 5Page - Texas Instruments ADC0817CCN Datasheet HTML 6Page - Texas Instruments ADC0817CCN Datasheet HTML 7Page - Texas Instruments ADC0817CCN Datasheet HTML 8Page - Texas Instruments ADC0817CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ADC0816, ADC0817
www.ti.com
SNAS527C – JUNE 1999 – REVISED MARCH 2013
Electrical Characteristics
Digital Levels and DC Specifications: ADC0816CCN, ADC0817CCN—4.75V
≤ VCC ≤ 5.25V, −40°C ≤ TA ≤ +85°C unless
otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ANALOG MULTIPLEXER
(Any Selected Channel)
TA = 25°C, RL= 10k
1.5
3
k
Ω
RON
Analog Multiplexer ON Resistance
TA = 85°C
6
k
Ω
TA = 125°C
9
k
Ω
ΔON Resistance Between Any 2
(Any Selected Channel)
75
Ω
ΔRON
Channels
RL=10k
VCC= 5V, VIN= 5V,
IOFF+
OFF Channel Leakage Current
TA = 25°C
10
200
nA
TMIN to TMAX
1.0
μA
VCC = 5V, VIN = 0,
IOFF(−)
OFF Channel Leakage Current
TA = 25°C
−200
nA
TMIN to TMax
−1.0
μA
CONTROL INPUTS
VIN(1)
Logical “1”Input Voltage
VCC − 1.5
V
VIN(0)
Logical “0”Input Voltage
1.5
V
Logical “1”Input Current
IIN(1)
VIN = 15V
1.0
μA
(The Control Inputs)
IIN(0)
Logical “0”Input Current
VIN = 0
−1.0
μA
(The Control Inputs)
ICC
Supply Current
fCLK = 640 kHz
0.3
3.0
mA
DATA OUTPUTS AND EOC (INTERRUPT)
IO = −360 μA, TA = 85°C
VOUT(1)
Logical “1”Output Voltage
VCC − 0.4
V
IO = −300 μA, TA = 125°C
VOUT(0)
Logical “0”Output Voltage
IO = 1.6 mA
0.45
V
VOUT(0)
Logical “0”Output Voltage EOC
IO = 1.2 mA
0.45
V
VO = VCC
3.0
μA
IOUT
TRI-STATE Output Current
VO = 0
−3.0
μA
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC0816 ADC0817


Numéro de pièce similaire - ADC0817CCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0817CCN NSC-ADC0817CCN Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0817CCN NSC-ADC0817CCN Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0817CCN TI1-ADC0817CCN Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0817CCN TI1-ADC0817CCN Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
ADC0817CCN/NOPB TI1-ADC0817CCN/NOPB Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
More results

Description similaire - ADC0817CCN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com