Moteur de recherche de fiches techniques de composants électroniques |
|
CS402 Fiches technique(PDF) 2 Page - Fujitsu Component Limited. |
|
CS402 Fiches technique(HTML) 2 Page - Fujitsu Component Limited. |
2 / 8 page CS402 Series 2 DS601-00002-0v01-E ■ MACRO LIBRARIES (MACROS CURRENTLY BEING PREPARED ARE INCLUDED) 1. Logic cells (about 400 types) Library sets for four types of core transistors with different threshold voltages. • Adder • AND • AND-OR •AND-OR Inverter • Buffer • Clock-Buffer • Delay Buffer • ENOR • EOR •Inverter • Latch • NAND •NOR • OR • OR-AND • OR-AND Inverter • SCAN Flip flop • Non-SCAN Flip flop • Selector • Others 2. IP macros *: ARM, ARM7TDMI-S, ARM946E-S, ARM926EJ-S, ARM1176JZF-S, Cortex-M3, Cortex-R4F and Cortex-A9 are the trademarks of ARM Limited in the EU and other countries. 3. Special I/O interface macros CPU/DSP ARMTM* cores (ARM7TDMI-STM*, ARM946E-STM*, ARM926EJ-STM*, ARM1176JZF-STM*, Cortex-M3TM*, Cortex-R4FTM*, Cortex-A9TM* MPCore), Peripherals IP Mixed signal macro ADC, DAC,OPAMP, others Compiled macro SRAM (1 Port, 2 Port), ROM, product sum calculator, others PLL Analog PLL Special I/O LVCMOS, LVDS, SSTL |
Numéro de pièce similaire - CS402 |
|
Description similaire - CS402 |